Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 48Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 49Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 50Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 51Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 52Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 53Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 54Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 55Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 198 page
background image
Expansion Bus Interface
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
49
When EXP_RDY_EN bit is set high, detected RDY pulse is synchronized with AXI clock (HClk) before causing the
deassertion of the CS and the RE or WE control signals. As mentioned above, the read data is latched upon
deassertion of the CS or RE signal, whichever comes first. A configuration bit per chip-select is provided to
enable/disable detection of the RDY signal and should be disabled for devices that don't provide RDY signals. If
RDY is enabled and was not detected by the expansion controller before the deassertion of the CS, an error
response is indicated on the AHB interface for this transaction.
Figure 4-2
Normal Mode Timing Diagram (RDY_EN = 0)
NOTE:
For more details about Normal mode signals, refer to “Normal Mode Signals” on
page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com