Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 84 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 80Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 81Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 82Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 83Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 84Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 85Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 86Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 87Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 198 page
background image
Real Time Clock
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
81
8
Real Time Clock
This section describes the LS1024A Real Time Clock (RTC).
The RTC unit will operate by the backup battery when the system power is off. The RTC returns data to CPU as
Binary Coded Decimal (BCD) values. The data includes second, minute, hour, date, day of the week, month, and
year. The RTC unit works with an external 32.768 kHz crystal and also can perform the alarm function. Figure 8-1
shows the RTC block diagram.
Figure 8-1
RTC Block Diagram
8.1
Features
The following are the RTC features:
•
Clock and calendar functions (BCD display)
–
seconds, minutes, hours, date, day of week, month, year
•
Leap year generator
•
Alarm interrupt (ALMINT) function
•
Cyclic interrupts: the interrupt cycle may be 1/256 second, 1/64 second, 1/16second, 1/4 second, 1/2 second,
or 1 second
•
Operate by the backup battery 3V even when system power is off
The RTC Bridge passes the APB request on the LS1024A APB bus to the RTC APB interface which is running at a
slower clock. The RTC Bridge is responsible for the following two operations:
•
Write Operation — The write operation is done in a single APB write request
RTC
Oscillator and
Clock Divider
Reset Register
Leap Year Generator
SEC
MIN
HOUR
DATE
DAY
MON
YEAR
Control
Register &
Control
Alarm Generator
APB Interface
RTC Internal Module Bus
AMBA APB (Advanced Peripheral Bus)
RTCEXTAL1
RTCXTAL1
RTCOSC
PRI
ALMINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com