Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 81Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 82Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 83Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 84Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 85Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 86Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 87Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 88Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Real Time Clock
Freescale Semiconductor
82
•
Read Operation — Since there is no flow control on the APB bus and the RTC APB interface is running at a
slower clock, the read operation for RTC on APB bus is divided into two operations
8.2
Function Description
8.2.1
Leap Year Generator
The leap year generator calculates the last date of each month as 28, 29, 30 or 31 based on the data from
BCDDAY, BCDMON, and BCDYEAR. This also considers leap years in deciding the last date. A 16-bit counter can
just represent four BCD digits, so it can decide whether any year is a leap year or not.
8.2.2
Clock Function
It is required to set to "1" of the RTCCON[1] register for interfacing between CPU and RTC logic. One second error
can occur when the CPU reads or writes data into BCD counters and this can cause the change of the higher time
units. When the CPU reads/writes data to/from the BCD counters, another time unit may be changed if BCDSEC
register is overflowed. To avoid this problem, the CPU should reset BCDSEC register to 00h. The reading
sequence of the BCD counters is BCDYEAR, BCDMON, BCDDATE, BCDDAY, BCDHOUR, BCDMIN, and
BCDSEC. It is required to read it again from BCDYEAR to BCDSEC if BCDSEC is zero.
8.2.3
Backup Battery Operation
The RTC logic is driven by backup battery if the system power turns off. The interfaces of the CPU and RTC logic
are blocked and the battery drives the oscillation circuit, clock divider (DIVIDER), and BCD counters (RTCFCN) to
minimize power dissipation.
The RTC_VDD pin must never be left floating. If the RTC is not used, the RTC_VDD pin can be connected to 3.3V.
If the RTC function is used, logic should be included to allow RTC_VDD to connect to 3.3V while powered up and a
3V battery when powered down.
8.2.4
Alarm Function
The RTC generates an alarm signal at a specified time. The RTC alarm register, RTCALM, determines the alarm
enable and the condition of the alarm time setting.
8.3
RTC Operation
8.3.1
Initial Settings of Registers after Power-on
All the registers should be set after the power is turned on.
8.3.2
Setting the Time
Figure 8-2 shows how to set the time when clock is stopped. This works when the entire calendar or clock is to be
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com