Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 45Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 46Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 47Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 48Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 49Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 50Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 51Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 198 page
background image
Expansion Bus Interface
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
45
4
Expansion Bus Interface
This section describes the LS1024A Expansion Bus Interface.
4.1
Introduction
The LS1024A Expansion Bus (EXPBUS) provides address, data, and control lines for connection to system
peripheral devices. The Expansion Bus provides chip selects for system peripheral devices such as Flash memory,
Boot ROM, and I/O devices. Expansion Bus provides support for up to 5 peripheral devices: NAND flash and 4
general-purpose device interfaces. There are 26 address bits, each chip select allows for 64MB directly
addressable 8-bit interface or 128MB directly addressable 16-bit interface. In ALE mode, the chip supports 256
addresses with 8-bit bus or 64K addresses with a 16 bit bus. The Expansion Bus is synchronous and can be driven
with the AXI clock using a divide down multiple of 3 to 15.
4.2
Features
The expansion bus provides the following features:
•
General
–
Up to 256 MB internal AHB address space
–
8/16-bit data bus
–
4 Chip Select (5 if NAND is not used)
–
Each Chip-Select is allocated two configurations registers to define its address space delineation
–
Provides support for Normal (for example, NOR), ALE (multiplexed address-data mode with address latch
enable), Strobe and NAND interface timing.
–
Synchronous interface. The AXI clock can be divided by 3 to 15. The divide integer is configurable by
software.
–
26 address bits are available for 64MB directly addressable 8-bit interface or 128MB directly addressable
16-bit interface. ALE mode supports 256 addresses with 8-bit bus or 64K addresses with 16 bit bus.
–
Programmable chip select level, configurable per chip select
–
Support for byte-mask writes, up to 2 bytes on the expansion interface
–
Provides support for Ready/Busy# acknowledge signal for terminating transactions. Detecting the
deassertion of Read/Busy# signal overrides the Chip-Select and Write Enable/ Read Enable to conclude
current transaction. Detection of Ready signal on rising/falling edge is configurable.
–
External expansion clock is provided and may be powered down or tri-stated by software when not used.
All programmable timing parameters are synchronous to the expansion clock.
•NOR
–
26-bit address bus parallel NOR support
–
Chip-select 0 is dedicated for expansion bus boot
•NAND
–
Supports SLC and MLC NANDs
–
Supports hardware acceleration of multi-bit ECC, as required for MLC NAND
–
Dedicated read/write controls are provided for NAND flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com