Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 36Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 37Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 38Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 39Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 40Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
Pinout and Signal Summary
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
37
3.2.11
TDM Signals
Table 3-16 lists the TDM signals and their descriptions.
3.2.12
RMII Mode
Table 3-17 lists the RMII signals and their descriptions.
Table 3-15
I2S Signals
Signal Name
Directio
n
Size
Description
I2S_CODCLKI
I
1
Input Codec Reference clock
I2S_CODCLKO
O
1
Output Reference clock
Divided down from Fabric clock.
I2S_BCLK
I/O
1
Serial Data Bus Bit Clock
Master mode: generated out of Fabric or Input Codec reference clock
Slave mode: received from external master.
I2S_LRCLK
I/O
1
Left/Right channel select clock
Master mode: generated out of Fabric or Input Codec reference clock
Slave mode: received from external master.
I2S_SDI
I
1
Serial Input Data
I2S_SDO
O
1
Serial Output Data
Table 3-16
TDM Signals
Signal Name
Directio
n
Description
TDM_CK
I/O
Data clock input from network, or from device if it is the source of the clock.
TDM_FS
I/O
Frame synchronization input from the network or from device.
TDM_DX
O
Data transmit output from the device.
TDM_DR
I
Data receive input from the network.
Table 3-17
RMII Signals
Signal Name
Directio
n
Size
Description
RMII_CLK
I
1
Reference Clock Input—Continuous 50 MHz reference clock.
RMII_REFCLK
O
1
Reference Clock Output—Output reference clock for external PHY/Switch.
RMII_TX_EN
O
1
Transmit Enable—When high, indicates that MAC is presenting di-bits. Asserted
synchronously with first nibble of the preamble and remains asserted while all di-bits to be
transmitted are present. Synchronous to REFCLK.
RMII_TXD[1:0]
O
2
Transmit Data—TXD1 is the most significant. Synchronous to REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com