Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 5 Page - NXP Semiconductors

  LS1024ASE7MLA Datasheet HTML 1Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 2Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 3Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 4Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 5Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 6Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 7Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 8Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Product Applications
Freescale Semiconductor
2
Table 1.1
Features by Device Summary
CAUTION:
The device is screened for the specified frequency. Freescale cannot guarantee
the operation if any changes are made in software. Any changes without prior
approval from Freescale may cause unexpected results and void the warranty.
Cortex-A9
Frequency
Number of Cortex-A9
Cores
Device Number
VoIP
Channels
DPI
DECT
1.2GHz
2
LS1024ASN7MLA
16
No
No
LS1024ASE7MLA
16
Yes
Yes
900MHz
2
LS1024ASN7JLA
16
No
No
LS1024ASE7JLA
16
Yes
Yes
650MHz
2
LS1024ASN7ELA
8
No
No
LS1024ASE7ELA
8
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com