Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 82Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 83Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 84Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 85Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 86Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 87Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 88Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 89Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 198 page
background image
Real Time Clock
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
83
Figure 8-2
Setting Time
8.3.3
Alarm Function
Figure 8-3 shows how to use the alarm function.
Figure 8-3
Alarm Functions
Alarms can be generated using the seconds, minutes, hours, days of week, date, month, year or any combination
of these. Set the ALMEN bit (bit 7) in the register on which the alarm is placed to "1", and then set the alarm time.
Clear the ALMEN bit in the register on which the alarm is placed to "0".
When the INTMODE bit of RTCIM register is high, and the clock and alarm times match, "1" is set in the PEND bit
of RTCPEND register. The detection of alarm can be checked with reading the PEND bit.
Stop Clock, Reset driver circuit
Sets seconds, minutes, hours, date,
day of the week, month and year
Start Clock
To reset the driver circuit and set the counter
Write “1” to CLKRST and “1” to
STARTB in RTCCON register
Order is irrelevant
Write “0” to STARTB in
the RTCCON register
Clock running
Set whether to use alarm interrupts
that are level or edge
Set alarm time
Monitor alarm time
(wait for interrupt)
BCD clock is running
When using interrupts, the
interrupt type bit (INTMODE)
is set or not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com