Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 23Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 24Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 25Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 26Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 27Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 28Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 29Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 30Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
24
Table 3-2 lists the LS1024A muxing options.
AE4
DECT_XI
I
OSCL
3.3 V
AE5
EXP_DQ_0
I/O
LVCMOS
5 V
8 mA
AE6
EXP_DQ_2
I/O
LVCMOS
5 V
8 mA
AE7
EXP_DQ_6
I/O
LVCMOS
5 V
8 mA
AE8
EXP_DQ_10
I/O
LVCMOS
5 V
8 mA
AE9
EXP_DQ_14
I/O
LVCMOS
5 V
8 mA
AE10
EXP_CS0_N
O
LVCMOS
5 V
8 mA
AE11
EXP_CS3_N
O
LVCMOS
5 V
8 mA
AE12
EXP_ALE
O
LVCMOS
5 V
8 mA
AE13
EXP_A_3
O
LVCMOS
5 V
8 mA
AE14
EXP_A_7
O
LVCMOS
5 V
8 mA
AE15
EXP_A_11
O
LVCMOS
5 V
8 mA
AE16
EXP_A_12
O
LVCMOS
5 V
8 mA
AE17
EXP_A_16
O
LVCMOS
5 V
8 mA
AE18
EXP_A_20
O
LVCMOS
5 V
8 mA
AE19
EXP_A_24
O
LVCMOS
5 V
8 mA
AE20
GPIO10
I/O
LVCMOS
5 V
PU
10 mA
AE21
UART1_RX
I
LVCMOS
5 V
PU
AE22
SPI_TXD
O
LVCMOS
3.3 V
8 mA
AE23
SPI_SS1_N
O
LVCMOS
3.3 V
8 mA
AE24
VSS_RING
AE25
VSS_RING
Table 3-2
Muxing Table
Signal Symbol
Muxing Options
Option 1
Option 2
Option 3
Option 4
gem0_rxd0
RGMII0_RXD0
RMII0_RXD0
gem0_rxd1
RGMII0_RXD1
RMII0_RXD1
gem0_rxd2
RGMII0_RXD2
RMII0_ RX_ER
gem0_rxd3
RGMII0_RXD3
gem0_rx_ctl
RGMII0_ RX_CTL
RMII0_CRS_DV
gem0_rxc
RGMII0_RXC
RMII0_CLK
gem0_txd0
RGMII0_TXD0
RMII0_TXD0
gem0_txd1
RGMII0_TXD1
RMII0_TXD1
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com