Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 55Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 56Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 57Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 58Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 59Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 60Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 61Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 62Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Expansion Bus Interface
Freescale Semiconductor
56
3. Configure 'INIT_CFG' register to '1'. The register is a self clear register after cycle 1. This resets the parity
module and latch configured values.
4. Configure 'SHIFT_EN' register to '1' to enable shifting of data into the parity module. This should be done only
before the data block is written to NAND and not in command or address transactions.
5. Write data block to NAND. Each write triggers a shift into the parity module.
6. Once data writing is done, poll 'IDLE_STAT' register until it's asserted. Indicates that the parity module is done
with the parity calculation and parity can be written. At this time the 1st parity is valid on the 'parity_out' lines.
7. If any transaction other than parity writing to NAND is needed, then, configure 'SHIFT_EN' register to '0'. This
step can be done in parallel to step 6.
8. Configure 'PRTY_OUT_SEL_CFG' register to '1', to select the 'parity_out' bus from the parity module instead
of AHB write data bus. This step can be done in parallel to step 6.
9. Configure 'SHIFT_EN' register to '1' to enable parity shift out at the end of every write to the NAND.
10. Configure 'SHIFT_EN' register to '0'.
11. Repeat steps 2 to 10 as needed.
4.4.4.2
Read Direction
In the read direction, both parity and ECC modules participate. The parity module generates the syndromes while
the ECC indicates the error bits and their location, if there are any errors.
4.4.4.2.1
BCH Mode
When data is read from the NAND, the same data is also shifted into the parity module for syndrome calculation.
Once the whole data block is read, the software also reads the parity bytes that were calculated in the write
process. These bytes need to be shifted into the parity module also. Once done, the parity module asserts the
'IDLE' indication. At this point the parity module indicates if errors are found using the 'ecc_correction_required'
and 'erased_page' outputs. Only in the case when 'ecc_correction_required' is set and 'erased_page' is not set, an
error occurs.
In case of an error, the software initiates writing the generated syndromes into the ECC block. The ECC level and
block size remains as configured. The software has an option to add a tag number to that ECC block by configuring
the 'poly_tag' register. The ECC module pops the syndromes from the parity module and calculates the error
locations. Once the ECC is done, it asserts the 'cs_done' signal for 1 cycle. This signal is latched into a status
register. Indications of how many errors are found (including parity errors) and if the block can not be corrected (in
case more errors were found than the ECC level number), are latched into status register for the software to read.
While the ECC block is working to allocate the errors, the software needs to read the 'Correction Data Status'
register in order to get the location information. Since the internal FIFO has place for 16 data and depending on the
ECC level, the read needs to be done in parallel to the ECC module operation to clear the internal FIFO.
The first valid data on the correction interface is prefetched into the 'Correction Data Status', each read of the
'Correction Data Status' fetches a new status, if available. The software has a valid indication in the 'Correction
Data Status' register to indicate if the register holds valid data or not. The software needs to read the 'Correction
Data Status' register until it gets a 0x7FE value in the 'index' field.
NOTE:
If the software wants to change the ECC level between writes, it needs to keep
track on which ECC level was used for each data block, since the same ECC
level needs to be configured when reading the data block from the NAND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com