Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 59Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 60Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 61Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 62Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 63Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 64Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 65Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 66Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Expansion Bus Interface
Freescale Semiconductor
60
4.6
Asynchronous Interface
For an example of asynchronous timing, see Figure 4-3, Normal Mode Timing Diagram (RDY_EN = 1).
1. When Expansion output signals are changing on the same clock edge, the delay between these signals is
considered to be between 0 -11 (ns).
2. When Expansion output signals are changing on different clock cycles, the maximum delay between these
signals is considered to be: Unexpired of EXP_CLK)-11 (ns) to Unexpired of EXP_CLK)+11 (ns) where N
depends on the configured parameters.
3. The read data (if expired is not used) relative to rising edge of CS or RE (whichever deasserted first) should be
at least (EXP_CLK Period)+11 (ns).
4. Upon EXP_RDY deassertion state, expansion transaction may be completed within 2 EXP_CLK cycles when
relative configuration parameters are set to minimum values.
5. The cycle in which the read data is sampled upon deassertion of RE and/or CS whichever comes first.
While in Asynchronous mode (when RDY is used), the design does not guarantee the relationship between the CS
and RE/WE signals. Since the detection of RDY pulse will cause the deassertion of the CS and RE/WE signals si-
multaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com