| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 102 Page - NXP Semiconductors |
|
102 / 198 page ![]() PCI Express Interface QorIQ LS1024A Data sheet, Rev 0 Freescale Semiconductor 99 12 PCI Express Interface This section describes the PCIe Controller capabilities and features. 12.1 Introduction The LS1024A device includes two PCI Express (PCIe) interface controllers, each of which supports a single lane. The PCIe interfaces are compatible with the PCIe Base Specification rev 2.1. There are three SerDes, which are shared between the (2 PCIe, 2 SATA, 1 SGMII) and only 3 can be active at any one time. 12.2 Features The Peripheral Component Interface Express Controller provides the following features: • Supports internal sourced reference clock, as well as external reference clock. See Section 7.3.2, Reference Clocks. • Two independent ports, single lane • Compliant with “PCI Express Base 2.1 Specification” • Support Gen1 (2.5 G) and Gen2 (5 G) • Hotplug support • Configurable for root port or endpoint • One AXI master interface (data and control) and two AXI slave interfaces (for direct access and for configuration) • PCIe max payload size supported is 4 KB • Outbound requests - max payload size is 128 B (8 B bus width * 16 max burst length) • Inbound requests - max payload size is 4096 B • Remote max read request size is 512 B • ECRC generation and checking • Supports MSI and Legacy interrupts • 6 Configurable BAR filtering, I/O filtering, configuration filtering and Completion lookup/timeout • Includes PCI Power Management • Supports Windowing mode where remote device initiates write and read operations from LS1024A internal address space • Direct memory-mapped mode through AXI slave interface for direct read or write of remote devices • Internal address translation unit (not related to the PCI-SIG ATS specification) with 8 entries (regions) for inbound traffic and 8 for outbound. Region's type (for example IO/MEM/CFG) is configurable. • Differential clock generation for off-chip use, compliant to the PCIe requirements (and specifically jitter requirements). Note: Use external reference clock source for PCIe Gen2 applications. NOTE: It is recommended to use an external reference clock source for PCIe Gen2 applications, and internal reference clock source for PCIe Gen1 applications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |