Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 129Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
126
MC34708
Functional Block Description
FAB[2:0]
11-9
R
NONE
X
FAB version
Pass 2.4 = 000
Unused
18-12
R
0x0
Not available
PAGE[4:0]
23-19
R/W
DIGRESETB
0x0
SPI Page
Table 113. Register 8, Regulator Fault Sense
Name
Bit #
R/W
Reset
Default
Description
SW1FAULT
0
R
NONE
S
SW1 fault detection
Reserved
1
R
NONE
0x0
Reserved
SW2FAULT
2
R
NONE
S
SW2 fault detection
SW3FAULT
3
R
NONE
S
SW3 fault detection
SW4AFAULT
4
R
NONE
S
SW4A fault detection
SW4BFAULT
5
R
NONE
S
SW4B fault detection
SW5FAULT
6
R
NONE
S
SW5 fault detection
SWBSTFAULT
7
R
NONE
S
SWBST fault detection
VUSBFAULT
8
R
NONE
S
VUSB fault detection
VUSB2FAULT
9
R
NONE
S
VUSB2 fault detection
VDACFAULT
10
R
NONE
S
VDAC fault detection
VGEN1FAULT
11
R
NONE
S
VGEN1 fault detection
VGEN2FAULT
12
R
NONE
S
VGEN2 fault detection
Unused
22-13
R
0x00
Not available
REGSCPEN
23
R/W
RESETB
0x0
Regulator short-circuit protect enable
Table 114. Register 9 , Reserved
Name
Bit #
R/W
Reset
Default
Description
Reserved
1-23
R
NONE
0x000020 Reserved
Table 115. Register 10, Reserved
Name
Bit #
R/W
Reset
Default
Description
Reserved
1-23
R
NONE
0x00013A Reserved
Table 116. Register 11, Reserved
Name
Bit #
R/W
Reset
Default
Description
Reserved
1-23
R
NONE
0x000000 Reserved
Table 117. Register 12, Unused
Name
Bit #
R/W
Reset
Default
Description
Unused
23-0
R
0x000000 Not available
Table 112. Register 7, Identification
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com