Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 119Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 159 page
background image
Analog Integrated Circuit Device Data
123
Freescale Semiconductor
MC34708
Functional Block Description
ADC_CHANGE_M
21
R/W
RESETB
0x1
VBUS power supply type identification completed mask
STUCK_KEY_M
22
R/W
RESETB
0x1
ID resistance detection finished mask
STUCK_KEY_RCV_M
23
R/W
RESETB
0x1
For future use
Table 107. Register 2, Interrupt Sense 0
Name
Bit #
R/W
Reset
Default
Description
Unused
2-0
R
0x0
Not available
USBDETS
3
R
NONE
S
USBDET sense bit
Reserved
4
R
NONE
0x0
Reserved
USBOVPS
5
R
NONE
S
USBOVP sense bit
Reserved
6
R
NONE
0x0
Reserved
Unused
7
R
NONE
0x0
Not available
Reserved
9:8
R
NONE
0x0
Reserved
Unused
16-10
R
0x0
Not available
VBUS_DET_ENDS
17
R
MUSBRSTB
0x0
VBUS power supply type identification completed sense bit
ID_DET_ENDS
18
R
MUSBRSTB
0x0
ID resistance detection finished sense bit
ID_FLOATS
19
R
NONE
S
ID float sense bit
ID_GNDS
20
R
MUSBRSTB
0x0
ID ground sense bit
0: no
1: yes
MUSB_ADC_STATUS
21
R
NONE
X
Mini USB ADC conversion status
1: ADC conversion completed
0: ADC conversion in progress
Unused
23-22
R
0x0
Not available
Table 108. Register 3, Interrupt Status 1
Name
Bit #
R/W
Reset
Default
Description
1HZI
0
RW1C
RTCPORB
0x0
1.0 Hz time tick
TODAI
1
RW1C
RTCPORB
0x0
Time of day alarm
Unused
2
R
0x0
Not available
PWRON1I
3
RW1C
OFFB
0x0
PWRON1 event
PWRON2I
4
RW1C
OFFB
0x0
PWRON2 event
WDIRESETI
5
RW1C
RTCPORB
0x0
WDI system reset event
SYSRSTI
6
RW1C
RTCPORB
0x0
PWRON system reset event
RTCRSTI
7
RW1C
RTCPORB
0x1
RTC reset event
PCI
8
RW1C
OFFB
0x0
Power cut event
WARMI
9
RW1C
RTCPORB
0x0
Warm start event
MEMHLDI
10
RW1C
RTCPORB
0x0
Memory hold event
THERM110
11
RW1C
RESETB
0x0
110 °C thermal threshold
Table 106. Interrupt Mask 0
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com