Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 159 page
background image
Analog Integrated Circuit Device Data
91
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4.2
Accessory Identification
The MC34708 monitors both the ID pin and the VBUS pin. When an accessory attachment is detected, the accessory
identification state machine will enter Active mode to start the identification flow. The ID detection state machine will determine
what ID resistor is attached and the Power Supply Type Identification or PSTI circuit will determine what type of power supply is
connected. The 32 kHz crystal must be placed across the XTAL 1 and XTAL2 pins for the accessory identification to work.
An identification conclusion is made when the identification flow is finished. The corresponding bit in the USB Device Type/Status
register is set to indicate the device type, and the ATTACH bit in the USB Interrupt Status register is set to inform the baseband.
If the attached accessory can't be identified, the Unknown_Atta bit in the USB Interrupt Status register is set.
There are three types of accessories that the MC34708 will automatically detect.
1. Recognized and supported. The following accessories are identified and configured automatically: USB port, UART, Audio
Type 1 cable, TTY accessory, USB jig cables, and UART jig cables.
2. Recognized but not supported. The following accessories can be identified but are not supported by the MC34708 PMIC:
A/V cables, Phone-Powered Devices, Audio Type 2 cables, dedicated charger, USB charger, A/V charger, 5-wire type 1
and type 2 chargers. The PMIC will detect that a charger is attached, when the VBUS voltage transitions above the
setpoint, which is defaulted to 4.35 V. When above this threshold for longer than the debounce period (VBUSDB[1:0]), the
USBDET interrupt is generated and USBDETS is set to a one. When the VBUS input falls below the VBUSTL[2:0]
threshold, the USBDET interrupt is generated immediately without any debounce and the USBDETS bit is low. See
Table 89 and Table 90. The USBOVP interrupt will be triggered when an over-voltage on VBUS (>6.5 V typical) is
detected during a device attach. The over-voltage interrupt is debounce by SUP_OVP_DB[1:0] bits on Table 91.
VUSB ACTIVE MODE - DC
VUSB
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMIN < IL < ILMA
VNOM - 4%
3.3
VNOM + 4%
V
VUSBLOPP Load Regulation
• 0 < IL < ILMAX from DM / DP, For any VINMIN < VIN < VINMAX
-
1.0
-
mV/mA
VUSBLIPP
Line Regulation
•VINMIN < VIN < VINMAX, For any ILMIN < IL < ILMAX
-
-
20
mV
VUSBSCTH Short-circuit Protection threshold
•VINMIN < VIN < VINMAX, Short-circuit VOUT to ground
IMAX+20%
-
-
mA
tOFF-VUSB Turn-off Time
• Disable to 0.8 V, per USB OTG specification parameter
VA_SESS_VLD VIN = VINMIN, VINMAX IL = 0
-
-
1.3
sec
VUSB ACTIVE MODE - AC
VUSBPSRR PSRR - IL = 75% of ILMAX 20 Hz to 20 kHz
•VIN = VINMIN + 100 mV
35
40
-
dB
VUSBNOISE Output Noise - VIN = VINMIN IL = 75% of ILMAX
• 100 Hz – 50 kHz
•> 50 kHz – 1.0 MHz
-
-
-
-
1.0
0.2
V/Hz
Table 88. VUSB Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com