Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
86
MC34708
Functional Block Description
7.8.2
PWM Outputs
There are two PWM outputs on the MC34708 PWM1 and PWM2 and which are controlled by the PWMxDUTY and
PWMxCLKDIV registers shown in Table 79.The base clock will be the 2.0 MHz divided by 32.
32.768 kHz Crystal Oscillator RTC Block Description and Application Information
PUS[1:0]
Pull-up/Pull-down enable
00: 10 K active pull-down
01: 10 K active pull-up
10: 100 K active pull-down
11: 100 K active pull-up (default)
SRE[1:0]
Slew rate enable
00: slow (default)
01: normal
10: fast
11: very fast
x= 0, 1, 2, or 3
Table 79. PWMx Duty Cycle Programming
PWMxDC[5:0]((63))
Duty Cycle
000000
0/32, Off (default)
000001
1/32
…
…
010000
16/32
…
…
011111
31/32
1xxxxx
32/32, Continuously On
Notes
63.
“x” represent 1 and 2
Table 80. PWMx Clock Divider Programming
PWMxCLKDIV[5:0]((64))
Duty Cycle
000000
Base Clock
000001
Base Clock / 2
…
…
001111
Base Clock / 16
…
…
111111
Base Clock / 64
Notes
64.
“x” represent 1 and 2
Table 78. GPIOLVx Control
SPI Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com