Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 64Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
68
MC34708
Functional Block Description
7.5.6.5
VPLL
VPLL is provided for isolated biasing of the application processors PLLs for clock generation, in support of protocol and peripheral
needs. Depending on the application and power requirements, this supply may be considered for sharing with other loads, but
noise injection must be avoided and filtering added, if necessary to ensure suitable PLL performance. The VPLL regulator has a
dedicated input supply pin.
VINPLL can be connected to either BP or a 1.8 V switched mode power supply rail such as from SW5 for the two lower set points
of each regulator VPLL[1:0] = [00], [01]. In addition, when the two upper set points (VPLL[1:0] = [10],[11]) are used, the VINPLL
inputs can be connected to either BP or a 2.2 V nominal external switched mode power supply rail, to improve power dissipation.
Table 56. VPLL Voltage Control
Parameter Value
Function
ILoad max
Input Supply
VPLL[1:0]
00
output = 1.2 V
50 mA
BP or 1.8 V
01
output = 1.25 V
50 mA
BP or 1.8 V
10
output = 1.50 V
50 mA
BP or External switch
11
output = 1.8 V
50 mA
BP or External switch
Table 57. VPLL Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V,-40 C  TA  85 C, unless otherwise noted. Typical values at
BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VINPLL
Operating Input Voltage Range
• VPLL all settings, BP biased
• VPLL [1:0] = 00, 01 (SW5 = 1.8 V)
• VPLL, [1:0] = 10, 11, External Switch
UVDET
1.75
2.15
-
1.8
2.2
4.5
4.5
4.5
V
IPLL
Operating current Load range
-
-
50
mA
VPLL ACTIVE MODE – DC
VPLL
Output Voltage VOUT
•VINMIN < VIN < VINMAX,
•ILMIN < IL < ILMAX
VNOM
– 0.05
VNOM
VNOM
+ 0.05
V
VPLL-LOPP Load Regulation
•1.0 mA < IL < ILMAX For any VINMIN < VIN < VINMAX
-
0.35
-
mV/mA
VPLL-LIPP
Line Regulation
•VINMIN < VIN < VINMAX For any ILMIN < IL < ILMAX
-
5.0
-
mV
IPLL-Q
Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
8.0
-
µA
VPLL ACTIVE MODE – AC
VPLLPSRR PSRR, IL = 75% of ILMAX, 20 Hz to 20 kHz
•VIN = UVDET
•VIN = VNOM + 1.0 V, > UVDET
35
50
40
60
-
-
dB
VPLLNOISE Output Noise Density, VIN = VINMIN IL = 75% of ILMAX
• 100 Hz – 1.0 kHz
•> 1.0 kHz – 1.0 MHz
-
-
20
-
-
2.5
dB/dec
V/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com