Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
14
MC34708
General Product Characteristics
5.2
Thermal Characteristics
VESD
ESD Ratings
• Human Body Model All pins
• Charge Device Model All pins
• Air Gap Discharge Model for UID, VBUS, DP, and DM pins
• Human Body Model (HBM) for UID, VBUS, DP, and DM pins
2000
500
15000
8000
V
(2)
(2)
(3)
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
3.
Need external ESD protection diode array to meet IEC1000-4-2 15000 V Air Gap discharge requirement. (CZAP= 150 pF,
RZAP=330 ohm).
Table 5. Thermal Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Description (Rating)
Min.
Max.
Unit
Notes
THERMAL RATINGS
TA
Ambient Operating Temperature Range
-40
85
°C
TJ
Operating Junction Temperature Range
-40
125
°C
TST
Storage Temperature Range
-65
150
°C
TPPRT
Peak Package Reflow Temperature During Reflow
-
Note 5
°C
(4), (5)
8.0 X 8.0 MM, THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
RθJA
Junction to Ambient Natural Convection
• Single layer board (1s)
-
93
°C/W
(6), (7)
RθJMA
Junction to Ambient Natural Convection
• Four layer board (2s2p)
-
53
°C/W
(6), (8)
RθJMA
Junction to Ambient (@200 ft/min.)
• Single layer board (1s)
-
80
°C/W
(6), (8)
RθJMA
Junction to Ambient (@200 ft/min.)
• Four layer board (2s2p)
-
49
°C/W
(6), (8)
RθJB
Junction to Board
-
34
°C/W
(9)
RθJC
Junction to Case
-
25
°C/W
(10)
θJT
Junction to Package Top
• Natural Convection
-
3.0
°C/W
(11)
13 X 13 MM, THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
RθJA
Junction to Ambient Natural Convection
• Single layer board (1s)
-
57
°C/W
(6), (7)
RθJMA
Junction to Ambient Natural Convection
• Four layer board (2s2p)
-
36
°C/W
(6), (7),
(8)
Table 4. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Description (Rating)
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com