Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 159 page
background image
Analog Integrated Circuit Device Data
73
Freescale Semiconductor
MC34708
Functional Block Description
7.5.6.9
VGEN1, VGEN2
General purpose LDOs, VGEN1, and VGEN2, are provided for expansion of the power tree to support peripheral devices, which
could include EMMC cards, WLAN, BT, GPS, or other functional modules. These regulators include programmable set points for
system flexibility. VGEN1 has an internal PMOS pass FET, and is powered from the SW5 buck for an efficiency advantage and
reduced power dissipation in the pass devices. VGEN2 is powered directly from the battery.
VGEN2 has an internal PMOS pass FET, which will support loads up to 50 mA. For higher current capability, drive for an external
PNP is provided. The external PNP is offered to avoid excess on-chip power dissipation at high loads and large differentials
between BP and the output settings. The input pin for the integrated PMOS option is shared with the base current drive pin for
the PNP option. The external PNP device is always connected to the BP line in the application. The recommended PNP device
VDAC LOW POWER MODE – DC - VDACMODE=1
VDAC
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMINLP < IL < ILMAXLP
VNOM – 3%
VNOM
VNOM + 3%
V
IDAC
Current Load Range ILMINLP to ILMAXLP
0.0
-
3.0
mA
IDACQ
Low Power Mode Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
8.0
-
µA
VDAC ACTIVE MODE – AC
VDACPSRR PSRR - IL = 75% of ILMAX 20 Hz to 20 kHz
•VIN = VINMIN + 100 mV
•VIN = VNOM + 1.0 V
35
50
40
60
-
-
dB
VDACNOISE Output Noise Density, VIN = VINMIN IL = 75% of ILMAX
• 100 Hz – 1.0 kHz
•> 1.0 kHz – 10 kHz
•> 10 kHz – 1.0 MHz
-
-
-
-
-
-
-115
-126
-132
V/Hz
VDACSPURS Spurs
• 32.768 kHz and harmonics
-
-
-120
dB
tON-VDAC
Turn-on Time
• Enable to 90% of end value VIN = VINMIN, VINMAX IL = 0
-
-
1.0
ms
tOFF-VDAC Turn-off Time
• Disable to 10% of initial value VIN = VINMIN, VINMAX, IL = 0
0.05
-
10
ms
VDACOS-
START
Start-up Overshoot
•VIN = VINMIN, VINMAX IL = 0
-
1.0
2.0
%
VDACLO
TRANSIENT
Transient Load Response
•VIN = VINMIN, VINMAX
-
1.0
2.0
%
VDACLI
TRANSIENT
Transient Line Response
•IL = 75% of ILMAX
-
5.0
8.0
mV
tMODE-VDAC Mode Transition Time
• From low power to active VIN = VINMIN, VINMAX IL = ILMAXLP
-
-
100
µs
VDACMODE
RES
Mode Transition Response
• From low power to active and from active to low power
VIN = VINMIN, VINMAX IL = ILMAXLP
-
1.0
2.0
%
Table 62. VDAC Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com