Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 159 page
background image
Analog Integrated Circuit Device Data
69
Freescale Semiconductor
MC34708
Functional Block Description
7.5.6.6
VREFDDR
VREFDDR is an internal PMOS half supply Voltage Follower. The output voltage is at one half the input voltage. It’s typical
application is as the VREF for DDR memories. A filtered resistor divider is utilized to create a low frequency pole. This divider then
utilizes a voltage follower to drive the load.
tON-VPLL
Turn-on Time
• Enable to 90% of end value VIN = VINMIN, VINMAX IL = 0
-
-
120
µs
tOFF-VPLL
Turn-off Time
• Disable to 10% of initial value VIN = VINMIN, VINMAX, IL = 0
0.05
-
10
ms
VPLLOS-
START
Start-up Overshoot
•VIN = VINMIN, VINMAX IL = 0
-
1.0
2.0
%
VPLL-LO
TRANSIENT
Transient Load Response
•VIN = VINMIN, VINMAX
-
50
70
mV
VPLL-LI
TRANSIENT
Transient Line Response
•IL = 75% of ILMAX
-
5.0
8.0
mV
Table 58. VREFDDR Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VREFFDDRIN Operating Input Voltage Range VINMIN to VINMAX
1.2
-
1.8
V
IREFDDR
Operating Current Load Range ILMIN to ILMAX
0.0
-
10
mA
VREFDDR ACTIVE MODE – DC
VREFDDR
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
0.6
VIN/2
0.9
V
VREFDDRTOL Output Voltage tolerance
•VINMIN < VIN < VINMAX IL = 1.0 mA
-6.5
-
6.5
%
(58)
VREFDDR
LOPP
Load Regulation
•1.0 mA < IL < ILMAX For any VINMIN < VIN < VINMAX
-
5.0
-
mV/mA
IREFDDRQ Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
8.0
-
µA
VREFDDR ACTIVE MODE – AC
tON-VREFDDR Turn-on Time
• Enable to 90% of end value VIN = VINMIN, VINMAX IL = 0
-
-
100
µs
tOFF-
VREFDDR
Turn-off Time
• Disable to 10% of initial value VIN = VINMIN, VINMAX, IL = 0
0.05
-
10
ms
VREFDDROS Start-up Overshoot
•VIN = VINMIN, VINMAX IL = 0
-
1.0
2.0
%
Table 57. VPLL Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V,-40 C  TA  85 C, unless otherwise noted. Typical values at
BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com