Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
88
MC34708
Functional Block Description
The ramp itself is generated by increasing or decreasing the PWM duty cycle with a 1/32 step every 1/64 seconds. The ramp
time is therefore a function of the initial set PWM cycle and the final PWM cycle. As an example, starting from 0/32 and going to
32/32 will take 500 ms, while going to from 8/32 to 16/32 takes 125 ms.
Note that the ramp function is executed upon every change in PWM cycle setting. If a PWM change is programmed via the SPI
when CHRGLEDxRAMP = 0, the change is immediate rather than spread out over a PWM sweep.
For color mixing and to guarantee a constant color, the color mixing should be obtained by the current level setting, so the
intensity is set through the PWM duty cycle.
In addition, programmable blink rates are provided. Blinking is obtained by lowering the PWM repetition rate of each of the drivers
through CHRGLEDxPER[1:0], while the on period is determined by the duty cycle setting. To avoid high frequency spur coupling
in the application, the switching edges of the output drivers are softened.
Table 84. General Purpose LED Drivers Period Control
CHRGLEDxPER[1:0]
Repetition Rate
Units
00
256
Hz
01
8.0
Hz
10
1.0
Hz
11
1/2
Hz
Table 85. LED Driver Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, -40
C  TA  85 C, unless otherwise noted. Typical values at BP = 3.6 V
and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
General Purpose LED Driver
Absolute Accuracy
-
-
30
%
Matching - At 1.0 V, 12 nA
-
-
4.0
%
Leakage - CHRGLAEDxDC [5:0]=000000
-
-
1.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com