Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
32
MC34708
Functional Block Description
7.4.2
Interrupt Bit Summary
Table 21 summarizes all interrupt, mask, and sense bits associated with INT control. For more detailed behavioral descriptions,
refer to the related chapters.
Table 21. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger
Debounce
Time
ADCDONEI
ADCDONEM
-
ADC has finished requested conversions
L2H
0
TSDONEI
TSDONEM
-
Touch screen has finished conversion
L2H
0
TSPENDET
TSPENDETM
-
Touch screen pen detect
Dual
1.0 ms
USBOVP
USBOVPM
USBOVPS
VBUS over-voltage
Sense is 1 if above threshold.
Dual
Programmable
SUP_OVP_DB
LOWBATT
LOWBATTM
-
Low battery detect
Sense is 1 if below LOWBAT threshold
H2L
Programmable
VBATTDB
USBDET
USBDETM
USBDETS
USB VBUS detect
Sense is 1 if detected
Dual
Programmable
VBUSDB
Stuck_Key_RCV Stuck_Key_RCV_m -
Stuck key has recovered
L2H
Stuck_Key
Stuck_Key_m
-
Stuck key detected
L2H
ADC_Change
ADC_Change_m
ADC_STATUS
ADC result changed
Sense is 1 if conversion is completed, 0 if
in progress
L2H
Unknown_Atta
Unknown_Atta_m
-
Unknown accessory detected
L2H
LKR
LKR_m
-
Remote control long key is released
L2H
LKP
LKP_m
-
Remote control long key is pressed
L2H
KP
KP_m
-
Remote control key is pressed
L2H
Detach
Detach_m
-
Accessory detached
L2H
Attach
Attach_m
-
Accessory attached
L2H
ID_GNDS
Sense is 1 if ID pin is grounded
ID_FLOATS
Sense is 1 if ID pin is floating
ID_DET_ENDS
Sense is 1 if ID resistance detection is
complete
VBUS_DET_ENDS Sense is 1 if VBUS PTSI is complete
SCPI
SCPM
-
Regulator short-circuit protection tripped
L2H
min. 4.0 ms
max 8.0 ms
1HZI
1HZM
-
1.0 Hz time tick
L2H
0
TODAI
TODAM
-
Time of day alarm
L2H
0
PWRON1I
PWRON1M
PWRON1S
Power on button 1 event
Sense is 1 if PWRON1 is high
H2L
30 ms (36)
L2H
30 ms
PWRON2I
PWRON2M
PWRON2S
Power on button 2 event
Sense is 1 if PWRON2 is high
H2L
30 ms (36)
L2H
30 ms
SYSRSTI
SYSRSTM
-
System reset through PWRONx pins
L2H
0
WDIRESETI
WDIRESETM
-
WDI silent system restart
L2H
0
PCI
PCM
-
Power cut event
L2H
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com