Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 79Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
Analog Integrated Circuit Device Data
83
Freescale Semiconductor
MC34708
Functional Block Description
The touch screen readings can be repeated, as in the following example readout sequence, to reduce the interrupt rate and to
allow for easier noise rejection. The dummy conversion inserted between the different readings allows the references in the
system to be pre-biased for the change in touch screen plate polarity. It will read out as ‘0’.
A touchscreen reading will take precedence over an ADC sequence. If an ADC reading is triggered during a touchscreen event,
the ADC sequence will be overwritten by the Touchscreen data.
The first Touch screen conversion can be delayed from 0 (default) to 600
s by programming the TSDLY1[3:0] bits. The
TSDLY2[3:0] controls the delay between each of the touch screen conversions from 0 to 600
s. TSDLY[2:0] sets the delay after
the last address is converted. TSDLY1, 2, and 3 are set to 0 by default.
To perform a touch screen reading, the processor must do the following:
• Enable the touch screen with TSEN
• Select the touch screen sequence by programming the TSSEL0-TSSEL7 SPI bits.
• Program the TSSTOP[2:0]
• Program the delay between the conversion via the TSDLY1 and TSDLY2 settings.
• Trigger the ADC via the TSSTART SPI bit
• Wait for an interrupt indicating the conversion is done TSDONEI
• And then read out the data in the ADRESULTx registers
Table 75. Touch Screen Action Select
TSSELx[1:0]
Signals Sampled
00
Dummy to discharge TSREF cap
01
X plate
10
Y –plate
11
Contact
Table 76. TSDLYx[3:0]
TSDLYx[3:0]
Delay in uS
0000
0
0001
40
0010
80
0011
120
0100
160
0101
200
0110
240
0111
280
1000
320
1001
360
1010
400
1011
440
1100
480
1101
520
1110
560
1111
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com