Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
18
MC34708
General Product Characteristics
MISO, INT
CMOS
Output Low
-100
A
0.0
0.2
V
MISO
(13) (22)
Output High
100
A
SPIVCC - 0.2
SPIVCC
V
MISO
(13) (22)
PUMS1,2,3,4,5
Input Low
PUMSxS = 0
-
0.0
0.3
V
(15)
Input High
PUMSxS = 1
-
1.0
VCOREDIG
V
(15)
ICTEST
Input Low
-
0.0
0.3
V
(16)
Input High
-
1.1
1.7
V
(16)
SW1CFG, SW4CFG
Input Low
-
0.0
0.3
V
Input Mid
-
1.3
2.0
V
Input High
-
2.5
3.1
V
Notes
13.
SPIVCC is typically connected to the output of buck regulator SW5 and set to 1.800 V
14.
Input has internal pull-up to VCOREDIG equivalent to 200 kOhm
15.
Input state is latched in first phase of cold start, refer to Serial Interfaces for a description of the PUMS configuration
16.
Input state is not latched
17.
A weak pull-down represents a nominal internal pull-down of 100 nA unless otherwise noted
18.
RESETB, RESETBMCU, SDWNB, SW1PWGD, SW2PWGD have open drain outputs, external pull-ups are required
19.
SPIVCC needs to remain enabled for proper detection of WDI High to avoid involuntary shutdown
20.
The maximum should never exceed the maximum rating of the pin as given in Pin Connections
21.
The weak pull-down on CS is disabled if a VIH is detected at startup to avoid extra consumption in I2C mode
22.
The output drive strength is programmable
Table 9. Pin Logic Thresholds
Pin Name
Internal
Termination (17)
Parameter
Load Condition
Min
Max (20)
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com