Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 159 page
background image
Analog Integrated Circuit Device Data
11
Freescale Semiconductor
MC34708
Pin Connections
K13
GNDREG1
GND
Ground for regulators 1
L12
GNDREG2
GND
Ground for regulators 2
A13
GPIOVDD
I
Supply for GPIOLV pins
E11
GPIOLV0
I/O
General purpose input/output 0
B11
GPIOLV1
I/O
General purpose input/output 1
D11
GPIOLV2
I/O
General purpose input/output 2
C11
GPIOLV3
I/O
General purpose input/output 3
A12
PWM1
O
PWM output 1
C10
PWM2
O
PWM output 2
B12
GNDGPIO
-
GPIO ground
Control Logic
A11
LICELL
I/O
1. Coin cell supply input
2. Coin cell charger output
M15
XTAL1
I
32.768 kHz Oscillator crystal connection 1
L15
XTAL2
I
32.768 kHz Oscillator crystal connection 2
K14
GNDRTC
GND
Ground for the RTC block
H11
CLK32KVCC
I
Supply voltage for 32 k buffer
H13
CLK32K
O
32 kHz Clock output for peripherals
H10
CLK32KMCU
O
32 kHz Clock output for processor
E1
RESETB
O
Reset output for peripherals
F5
RESETBMCU
O
Reset output for processor
L4
WDI
I
Watchdog input
J5
STANDBY
I
Standby input signal from processor
E4
INT
O
Interrupt to processor
G8
PWRON1
I
Power on/off button connection 1
E3
PWRON2
I
Power on/off button connection 2
G7
GLBRST
I
Global Reset
C12
PUMS1
I
Power up mode supply setting 1
B14
PUMS2
I
Power up mode supply setting 2
B13
PUMS3
I
Power up mode supply setting 3
A14
PUMS4
I
Power up mode supply setting 4
D12
PUMS5
I
Power up mode supply setting 5
D10
ICTEST
I
Connect to ground for normal mode operation.
E2
GNDCTRL
GND
Ground for control logic
F4
SPIVCC
I
Supply for SPI bus
G2
CS
I
Primary SPI select input
G1
CLK
I
Primary SPI clock input
F3
MOSI
I
Primary SPI write input
Table 3. MC34708 Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com