Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
Analog Integrated Circuit Device Data
17
Freescale Semiconductor
MC34708
General Product Characteristics
5.3
Electrical Characteristics
5.3.1
Recommended Operating Conditions
5.3.2
General PMIC Specifications
Table 8. Recommended Operating Conditions
Symbol
Description (Rating)
Min.
Max.
Unit
Notes
VBP
Main Input Supply
3.0
4.5
V
VLICELL
LICELL Backup Battery
1.8
3.6
V
TA
Ambient Temperature
-40
85
°C
Table 9. Pin Logic Thresholds
Pin Name
Internal
Termination (17)
Parameter
Load Condition
Min
Max (20)
Unit
Notes
PWRON1, PWRON2,
GLBRST
Pull-up
Input Low
47 kOhm
0.0
0.3
V
(14)
Input High
1.0 MOhm
1.0
VCOREDIG
V
(14)
STANDBY, WDI
Weak Pull-down
Input Low
-
0.0
0.3
V
(19)
Input High
-
0.9
3.6
V
(19)
CLK32K
CMOS
Output Low
-100
A
0.0
0.2
V
Output High
100
A
CLK32KVCC - 0.2
CLK32KVCC
V
CLK32KMCU
CMOS
Output Low
-100
A
0.0
0.2
V
Output High
100
A
VSRTC - 0.2
VSRTC
V
RESETB,
RESETBMCU,
SDWNB, SW1PWGD,
SW2PWGD
Open Drain
Output Low
-2.0 mA
0.0
0.4
V
(18)
Output High
Open Drain
-
3.6
V
(18)
GPIOLV1,2,3,4
CMOS
Input Low
-
0.0
0.3 * GPIOVDD
V
Input High
-
0.7 * GPIOVDD
GPIOVDD + 0.3
V
Output Low
-
0.0
0.2
V
Output High
-
GPIOVDD - 0.2
GPIOVDD
V
Open Drain
Output Low
-2.0 mA
0
0.4
V
Output High
Open Drain
-
GPIOVDD + 0.3
V
PWM1, PWM2
CMOS
Output Low
-
0.0
0.2
V
Output High
-
GPIOVDD - 0.2
GPIOVDD
V
CLK, MOSI
Input Low
-
0.0
0.3 * SPIVCC
V
(13)
Input High
-
0.7 * SPIVCC
SPIVCC + 0.3
V
(13)
CS
Weak Pull-down
Input Low
-
0.0
0.4
V
(13)
Input High
-
1.1
SPIVCC + 0.3
V
(13)
CS, MOSI (at Booting
for SPI / I2C decoding)
Weak Pull-down
on CS
Input Low
-
0.0
0.3 * VCOREDIG
V
(13), (21)
Input High
-
0.7 * VCOREDIG
VCOREDIG
V
(13), (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com