Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 159 page
background image
Analog Integrated Circuit Device Data
87
Freescale Semiconductor
MC34708
Functional Block Description
7.8.3
General Purpose LED Drivers
By default, the general purpose LED drivers are set to auto USB charger detect. If the VBUS pin is connected to detect what kind
of accessory is attached to the USB port, the red LED can illuminate when a charger is attached in the following use case. If the
both the main battery is dead (battery < UVDET) and coincell is dead (LICELL < 1.8 V) and power is applied to VBUS > 4.35 V,
the red LED will automatically turn on.
If the COINCELL (LICELL > 1.8 V) or battery > UVDET and the CHREN bit is set to 0, and power is applied to VBUS > 4.35 V,
the LED's will stay off. To turn on the LED's the following bits must be set, CHRLEDxEN = 1, CHRGLEDOVRD =1, THERM
bit = 1, and programming the duty cycle > 0/32.
The general purpose LED drivers, CHRGLEDR, and CHRLEDG are independent current sink channels. Each driver channel
features programmable current levels via CHRGLEDx[1:0], as well as programmable PWM duty cycle settings with
CHRGLEDxDC[5:0]. By a combination of level and PWM settings, each channel provides flexible LED intensity control. By driving
LEDs of different colors, color mixing can be achieved.
The general purpose LED drivers include ramp up and ramp down patterns implemented in hardware. Ramping is enabled for
each of the drivers using the corresponding CHRGLEDxRAMP bits, only when the repetition rate is 256 Hz.
Table 81. LED Driver Control
THERM
CHRGLEDxEN(65)
CHRGLEDOVRD
CHRGLEDx(65)
x
0 (default)
0
Auto USB charger detect
1
x
x
Off
0
1
1
On
0
1
Off
Notes
65.
“x” represents R or G
Table 82. General Purpose LED Drivers Current Programming
CHRGLEDx[1:0]
CHRGLEDx Current Level (mA)
00
3.4
01
6.6 (default)
10
9.8
11
12.5
“x” represents for R, and G
Table 83. General Purpose LED Drivers Duty Cycle Programming
CHRGLEDxDC[5:0]
Duty Cycle
000000
0/32, Off
000001
1/32
…
…
010000
16/32
…
…
011111
31/32
1xxxxx
32/32, Continuously On
“x” represents R, and G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com