Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
22
MC34708
General Description
6.2
Block Diagram
Figure 4. Functional Block Diagram
6.3
Functional Description
The MC34708 Power Management Integrated Circuit (PMIC) represents a complete system power solution in a single package.
Designed specifically for use with the Freescale i.MX50/53 families. The MC34708 integrates six multi-mode buck regulators and
eight LDO regulators for direct supply of the processor core, memory and peripherals.
The USB switch enables the use of a single, mini or micro USB connector for USB, UART and audio connections, switching the
relevant signals to the connector depending on the type of device connected. In addition, the MC34708 also integrates a real
time clock, coin cell charger, a 13-channel 10-bit ADC, 5 V USB Boost regulator, two PWM outputs, touch-screen interface, status
LED drivers and four GPIOs.
10-BIT ADC CORE
General Purpose
Resistive Touch
Screen Interface
32.768 kHz CRYSTAL
OSCILLATOR
Real Time Clock
SRTC Support with
Coin Cell Charger
SIX BUCK
REGULATORS
Processor Core
Split Power Domains
DDR Memory
I/O
EIGHT LDO
REGULATORS
Peripherals
5 V BOOST
REGULATOR
USB On The Go
Supply
MINI/MICRO USB
INTERFACE
USB/UART/Audio
Auto Accessory Detect
BIAS &
REFERENCES
Trimmed Bandgap
GENERAL PURPOSE
I/O & PWM OUTPUTS
Dual LED Indicator
POWER CONTROL
LOGIC
State Machine
CONTROL
INTERFACE
SPI/I
2C
MC34708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com