Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 58Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 59Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 60Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 61Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 62Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 63Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 64Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
62
MC34708
Functional Block Description
7.5.4.8
Dynamic Voltage Scaling
To reduce overall power consumption, processor core voltages can be varied depending on the mode or activity level of the
processor. SW1A/B and SW2 allow for two different set points with controlled transitions to avoid sudden output voltage changes,
which could cause logic disruptions on their loads.
Preset operating points for SW1A/B and SW2 can be set up for:
• Normal operation: output value selected by SPI bits SWx[5:0]. Voltage transitions initiated by SPI writes to SWx[5:0] are
governed by the DVS stepping rate shown in the following tables.
• Standby (Deep Sleep): can be higher or lower than normal operation, but is typically selected to be the lowest state retention
voltage of a given process. Set by SPI bits SWxSTBY[5:0] and controlled by a Standby event. Voltage transitions initiated by
Standby are governed by the SWxDVSSPEED[1:0] SPI bits shown in Table 49.
The following table summarizes the set point control and DVS time stepping applied to SW1A/B and SW2.
The Regulator have a strong sourcing and sinking capability in the PWM mode. Therefore, the rising/falling slope is determined
by the regulator in PWM mode, however, if the regulators are programmed in PFM, PWMPS, or APS mode during a DVS
transition, the falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced,
controlled DVS transitions in PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode
operation.
Voltage transitions programmed through SPI(SWx[4:0]) on SW3 and SW5 will step in increments of 25 mV per 4.0
s, SW4A/B
will step in increments of 25 mV per 8.0
s when SW4xHI[1:0]=00, and SW4A/B will step in increments of 25 mV per 16 s when
SW4xHI[1:0]=00. Additionally, SW3, SW4/B, and SW5 include standby mode set point programmability.
The following diagram shows the general behavior for the switching regulators when initiated with SPI programming or standby
control.
SW1 and SW2 also contain Power Good (outputs from the MC34708 to the application processor). The power good signal is an
active high signal. When SWxPWRGDB is high, it means that the regulators output has reached its programmed voltage. The
SWxPWRGDB voltage outputs will be low during the DVS period and if the current limit is reached on the switching regulator.
The SWxPWRGD will be low from a low to high or a high to low transition of the regulator output voltage. During the DVS period,
the over-current condition on the switching regulator should be masked. If the current limit is reached outside of a DVS period,
the SWxPWRGD pin will stay low until the current limit condition is removed.
Table 49. DVS Control Logic Table for SW1A/B and SW2
STANDBY
Set Point Selected by
0
SWx[4:0]
1
SWxSTBY[4:0]
Table 50. DVS Speed Selection
SWxDVSSPEED[1:0]
Function
00
12.5 mV step each 2.0
s
01 (default)
12.5 mV step each 4.0
s
10
12.5 mV step each 8.0
s
11
12.5 mV step each 16.0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com