Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 86Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 87Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
90
MC34708
Functional Block Description
The VUSB regulator defaults to ON when PUMS4:1 = [0100], and is supplied by the SWBST output. As shown in Figure 20, this
means that the M0 and MOTG switches are open, while the M1 switch is closed.
When PUMS4:1 is not equal to [0100], the VUSB regulator can not be enabled unless 5.0 V is present on the VBUS pin. If VBUS
is detected during a cold start, then the VUSB regulator will be enabled and powered ON in the sequence shown in Startup
Requirements, and it will default to be supplied by the VBUS pin. This means that switch M0 is closed and switch M1 and MOTG
in Figure 20 are open. If VBUS is not detected at cold start, then the VUSB regulator cannot be enabled. If VBUS is detected
later, the VUSB regulator will be enabled automatically and supplied from the VBUS pin. The VUSBEN SPI bit is initialized at
startup, based on the PUMS4:1 configuration. With PUMS4:1 not equal to [0100], the VUSBEN SPI bit will default to a one on
power up and will reset to a 1, when either RESETB is valid or VBUS is invalid. This allows the VUSBEN regulator to be enabled
automatically if the VUSB regulator was disabled by software. With PUMS4:1 equal to [0100], the VUSBEN bit will be enabled in
the power up sequence.
The MC34708 also supports USB OTG mode by supplying 5.0 V to the VBUS pin. The OTGEN SPI bit along with the VUSBSEL
SPI bit, control switching the SWBST to drive VBUS in OTG mode. When OTGEN = 1 and VUSBSEL = 1, SWBST will be driving
the VBUS (switch M1 and MOTG are closed, and the M0 switch is open). When OTG mode is disabled, the switch (MOTG) from
VINUSB to VBUS will be open.
In OTG mode, the VUSB regulator is enabled by setting the VUSBEN SPI bit to a one. When SWBST is supplying the VBUS pin
(OTG Mode), it will generate a USBDET interrupt. The USBDET interrupt while in OTG mode should not be interpreted as being
powered by the host by software.
Table 86. VUSB Input Source Control (66)
Parameter
Value
Function
VUSBSEL
0
Powered by Host: VBUS powers VUSB regulator (switch M0 closed and M1 open)
1
OTG mode: SWBST internally switched to supply the VUSB regulator (switch M1 closed, M0 open), and
SWBST will drive VBUS from the VINUSB pin as long as SPI bit OTGEN is set = 1.
Notes
66.
VUSBSEL = 1 and OTGEN = 1 only close the switch between the VINUSB and VBUS pins, but do not enable the SWBST boost
regulator (which should be enabled with SWBSTEN = 1)
Table 87. VUSB/OTG Switch Configuration
Mode
OTGEN VUSBSEL Switches Enabled (Closed) Switches Disabled (Open)
VUSB powered from VBUS pin
0
0
M0
M1, MOTG
VUSB powered from VINUSB pin
0
1
M1
M0, MOTG
Invalid option
1
0
-
-
OTG Mode (VUSB powered from VINUSB pin and SWBST
1
1
M1, MOTG
M0
Table 88. VUSB Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
VUSB REGULATOR
VUSBIN
Operating Input Voltage Range VINMIN to VINMAX
• Supplied by VBUS
• Supplied by SWBST
4.4
-
5.0
-
5.25
5.75
V
IUSB
Operating Current Load Range ILMIN to ILMAX
0.0
-
100
mA
COVUSB
Bypass Capacitor Value Range
0.65
2.2
-
F
ESRVUSB Bypass Capacitor ESR
•10 kHz - 1.0 MHz
0.0
-
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com