Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34708 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 159 page
background image
Document number:
MC34708
Rev. 8.0, 8/2012
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2011-2012. All rights reserved.
Power Management Integrated
Circuit (PMIC) for i.MX50/53
Families
The MC34708 is the Power Management Integrated Circuit (PMIC)
designed specifically for use with the Freescale i.MX50 and i.MX53
families.
Features
• Six multi-mode buck regulators for direct supply of the processor
core, memory, and peripherals
• Boost regulator for USB OTG support
• Eight regulators with internal and external pass devices for thermal
budget optimization
• USB/UART/Audio switching for mini-micro USB connector
• 10-bit ADC for monitoring battery and other inputs
• Real time clock and crystal oscillator circuitry with coin cell backup/
charger
• SPI/I2C bus for control and register interface
Figure 1. MC34708 Simplified Application Diagram
POWER MANAGEMENT
34708
Applications
Tablets
Smart Mobile Devices
Portable Navigation Devices
VK SUFFIX (PB-FREE)
206 MAPBGA
8.0 X 8.0 (0.5 MM PITCH)
VM SUFFIX (PB-FREE)
206 MAPBGA
13.0 X 13.0 (0.8 MM PITCH)

  

!


!$!&
!
 
  
 
  



  
 
 
!  
"
" 
#
!$
"!
#


 $
#
%&
'
(
)
&
*
%
+
,
%-
.
%%
/  
0
# "

!"#
1


Similar Part No. - 34708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34708-2000 MOLEX11-34708-2000 Datasheet
62Kb / 2P
Stac64??2 Bay Right Angle Headers, 40 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Tray
34708-2001 MOLEX11-34708-2001 Datasheet
62Kb / 2P
Stac64??2 Bay Right Angle Headers, 40 Circuits, Bay A 20 Circuit Signal Header, Polarization B, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Tray
34708-2002 MOLEX11-34708-2002 Datasheet
62Kb / 2P
Stac64??2 Bay Right Angle Headers, 40 Circuits, Bay A 20 Circuit Signal Header, Polarization C, Brown; Bay B 20 Circuit Signal Header, Polarization D, Green; Tray
34708-2003 MOLEX11-34708-2003 Datasheet
35Kb / 2P
Stac64??2 Bay Right Angle Headers, 28 Circuits, Bay A 20 Circuit Signal Header, Polarization C, Brown; Bay B 8 Circuit Signal Header, Polarization A, Tray
34708-2004 MOLEX11-34708-2004 Datasheet
35Kb / 2P
Stac64??2 Bay Right Angle Headers, 32 Circuits, Bay A 20 Circuit Signal Header, Polarization C, Brown; Bay B 12 Circuit Signal Header, Polarization A, Tray
More results

Similar Description - 34708

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34709 FREESCALE-MC34709 Datasheet
4Mb / 142P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
Rohm
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
Power Management Integrated Circuit
logo
NXP Semiconductors
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
NXP Semiconductors
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com