Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 50Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 51Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 52Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 53Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 54Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 159 page
background image
Analog Integrated Circuit Device Data
51
Freescale Semiconductor
MC34708
Functional Block Description
17
010001
0.8625
49
110001
1.2625
18
010010
0.8750
50
110010
1.2750
19
010011
0.8875
51
110011
1.2875
20
010100
0.9000
52
110100
1.3000
21
010101
0.9125
53
110101
1.3125
22
010110
0.9250
54
110110
1.3250
23
010111
0.9375
55
110111
1.3375
24
011000
0.9500
56
111000
1.3500
25
011001
0.9625
57
111001
1.3625
26
011010
0.9750
58
111010
1.3750
27
011011
0.9875
59
111011
1.3875
28
011100
1.0000
60
111100
1.4000
29
011101
1.0125
61
111101
1.4125
30
011110
1.0250
62
111110
1.4250
31
011111
1.0375
63
111111
1.4375
Table 40. SW2 Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SW2 BUCK REGULATOR
VSW2IN
Operating Input Voltage
• PWM operation, 0 < IL < IMAX
• PFM operation, 0 < IL < ILMAX
3.0
2.8
-
-
4.5
4.5
V
VSW2ACC
Output Voltage Accuracy
• PWM mode including ripple, load regulation, and transients
• PFM Mode, including ripple, load regulation, and transients
Nom-25
Nom-25
Nom
Nom
Nom+25
Nom+25
mV
(46)
ISW2
Continuous Output Load Current, VINMIN < BP < 4.65 V
• PWM mode
• PFM mode
-
-
-
50
1000
-
mA
ISW2PEAK
Current Limiter Peak Current Detection
•VIN = 3.6 V Current through Inductor
-
2.0
-
A
ISW2
TRANSIENT
Transient Load Change
• 100 mA/µs
-
-
0.500
A
VSW2OS-
START
Start-up Overshoot, IL = 0
-
-
25
mV
tON-SW2
Turn-on Time
• Enable to 90% of end value IL = 0
-
-
500
µs
Table 39. SW2 Output Voltage Programmability
Set Point
SW2[5:0]
SW2x
Output (V)
Set Point
SW2[5:0]
SW2 Output
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com