Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 53Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 54Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 55Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 56Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 57Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 58Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 59Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 60Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 159 page
background image
Analog Integrated Circuit Device Data
57
Freescale Semiconductor
MC34708
Functional Block Description
Figure 14. SW4 Dual Phase Output Mode Block Diagram
The peak current is sensed internally for over-current protection purposes. If an over-current condition is detected the regulator
will limit the current through cycle by cycle operation and alert the system through the SW4xFAULT SPI bit and issue an SCPI
interrupt via the INT pin.
SW4A/B has a high output range (2.5 V, 3.15 V) and a low output range (1.2 V – 1.85 V). The SW4A/B output range is set by the
PUMS configuration at start-up and cannot be changed dynamically by software. This means that If the PUMS are set to allow
SW4A to come up in the high output voltage range, the output can only be changed between 2.5 V or 3.15 V. It cannot be
programmed in the low output range. If software sets the SW4AHI[1:0] = 00 when the PUMS is set to come up in the high voltage
range, the output voltage will only go as low as the lowest setting in the high range, which is 2.5 V. If the PUMS are set to start-
up in the low output voltage range, the voltage is controlled through the SW4x[4:0] bits by software, it cannot be programmed
into the high voltage range. When changing the voltage in either the high or low voltage range, the regulator should be forced
into PWM mode to change the voltage.
Table 44. SW4A/B Output Voltage Select
SW4xHI[1:0]
Set point selected by
Output Voltage
00
SW4x[4:0]
See Table 45
01
SW4xHI[1:0]
2.5 V
10
SW4xHI[1:0]
3.15 V
11
Invalid
Invalid
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW4IN
SW4ALX
SW4AFB
ISENSE
COSW4A
CINSW4A
LSW4A
SPI
Interface
GNDSW4A
SW4
SW4AMODE
SW4AFAULT
VREF
DAC
SPI
BP
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW4BIN
SW4BLX
SW4BFB
ISENSE
COSW4B
CINSW4B
LSW4B
GNDSW4B
SW4BMODE
SW4BFAULT
VREF
DAC
SPI
BP
SW4CFG
VCORE
DSW4A
DSW4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com