Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 78Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 79Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
78
MC34708
Functional Block Description
7.6
Battery Management
BATTERY CHARGER NO LONGER SUPPORTED ON
MC34708.
7.7
Analog to Digital Converter
The ADC core is a 10-bit converter. The ADC core and logic run at an internally generated frequency of approximately 1.33 MHz.
The ADC is supplied from VCORE. The ADC core has an integrated auto calibration circuit which reduces the offset and gain
errors.
7.7.1
Input Selector
The ADC has 16 input channels. Table 67 gives an overview of the characteristics of each of these channels.
Some of the internal signals are first scaled to adapt the signal range to the input range of the ADC. The battery current is
indirectly read out by the voltage drop over the resistor in the charge path and battery path respectively. For details on scaling,
see Dedicated Readings.
Table 67. ADC Inputs
Channel
Signal read
Input Level
Scaling
Scaled Version
0
Battery Voltage (BATTISNSN)
0 – 4.8 V
/2
0 – 2.4 V
1
Battery Current (BATTISNSN-BATTISNSP)
-80 mV – +80 mV (59)
x15
-1.2 to +1.2 V
2
Application Supply (BPSNS)
0 to 4.8 V
/2
0 – 2.4 V
3
Die temperature
-40 – 150 °C
x1
1.2 – 2.4 V
4
Reserved
Reserved
Reserved
Reserved
5
USB Voltage (VBUS)
0 – 6.0 V
x0.4
0 – 2.4 V
6
Reserved
Reserved
Reserved
Reserved
7
Reserved
Reserved
Reserved
Reserved
8
Coincell Voltage
0 – 3.6 V
X2/3
0 – 2.4 V
9
ADIN9 (60)
0 – 2.4 V
x1
0 – 2.4 V
10
ADIN10 (60)
0 – 2.4 V
x1
0 – 2.4 V
11
ADIN11 (60)
0 – 2.4 V
x1
0 – 2.4 V
12
ADIN12/TSX1 (61)
0 – 2.4 V
x1/x2
0 – 2.4 V
13
ADIN13/TSX2 (61)
0 – 2.4 V
x1/x2
0 – 2.4 V
14
ADIN14/TSY1 (61)
0 – 2.4 V
x1/x2
0 – 2.4 V
15
ADIN15/TSY2 (61)
0 – 2.4 V
x1/x2
0 – 2.4 V
Notes
59.
Equivalent to -4.0 A to +4.0 A of current with a 20 mOhm sense resistor.
60.
Input must not exceed the BP voltage.
61.
Input must not exceed BO or VCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com