Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 88Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 89Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
92
MC34708
Functional Block Description
3. Not recognized accessories. All accessories that are not recognized are identified as unknown accessories.
Table 89. VBUS Debounce Times
VBUSDB[1:0]
Debounce Time (ms)
00
0
01
10
10
20
11
30
Table 90. VBUS High/low Detection Threshold
VBUSTH[2:0]
Voltage
VBUSTL[2:0]
Voltage
000
4.05
000
3.55
001
4.15
001
3.65
010
4.25
010
3.75
011
4.35 (default)
011
3.85 (default)
100
4.45
100
3.95
101
4.55
101
4.05
110
4.65
110
4.15
111
4.75
111
4.25
Table 91. Over-voltage Debounce Time SUP_OVP_DB[1:0]
SUP_OVP_DB[1:0]
Debounce Time
00
0 (default 1.0)
01
2 RTC clock cycles
10
4 RTC clock cycles
11
8 RTC clock cycles (default 2.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com