Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 78Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 79Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 84Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
Analog Integrated Circuit Device Data
81
Freescale Semiconductor
MC34708
Functional Block Description
Figure 19. Input Configuration with Battery Current Sense
7.7.3.3
Channel 2 Application Supply
The application supply voltage is read at the BP pin on channel 2. The battery voltage is first scaled as V(BP)/2 to fit the input
range of the ADC.
7.7.3.4
Channel 3 Die Temperature
The relation between the read out code and temperature is given in Table 73.
The Actual Die Temperature is obtained as follows: Die Temp = 25 + 0.426 * (ADC Code - 680)
7.7.3.5
Channel 4 Reserved
Channel 4 is reserved.
7.7.3.6
Channel 5 VBUS Voltage
The VBUS voltage is measured at the VBUS pin on channel 5. The VBUS voltage is first scaled in order to fit the input range of
the ADC by multiplying by 0.4.
7.7.3.7
Channel 6 and 7 Reserved
Channel 6 is reserved.
Table 72. Application Supply Voltage Reading Coding
Conversion Code
ADRESULTx[9:0]
Voltage at Input ADC in V
Voltage at BP in V
1 111 111 111
2.400
4.800
1 000 010 101
1.250
2.500
0 000 000 000
0.000
0.000
Table 73. Die Temperature Voltage Reading
Parameter
Min
Typ
Max
Unit
Die Temperature Read Out Code at 25 °C
-
680
-
Decimal
Slope temperature change per LSB
-
+0.426
-
°C/LSB
Slope error
-
-
5.0
%
BP
R1
20m
10u
10u
C1
C2
Input/Battery
Monitoring
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com