Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
Analog Integrated Circuit Device Data
37
Freescale Semiconductor
MC34708
Functional Block Description
The Wait timer starts running when entering User Off Wait mode. This leaves the processor time to suspend or terminate its tasks.
When expired, the Wait mode is exited for User Off mode or Memory Hold mode depending on warm starts being enabled or not
via the WARMEN bit. The USEROFFSPI bit is being reset at this point by RESETB going low.
7.5.2.7
Memory Hold and User Off (Low Power Off states)
As noted in the User Off Wait description, the system is directed into low power Off states based on a SPI command in response
to an intentional turn off by the end user. The only exit then will be a turn on event. To an end user, the Memory Hold and User
Off states look like the product has been shut down completely. However, a faster startup is facilitated by maintaining external
memory in self-refresh mode (Memory Hold and User Off mode) as well as powering portions of the processor core for state
retention (User Off only). The Switching regulator mode control bits allow selective powering of the buck regulators for optimizing
the supply behavior in the low power Off modes. Linear regulators and most functional blocks are disabled (the RTC module, SPI
bits resetting with RTCPORB, and Turn On event detection are maintained).
By way of example, the following descriptions assume the typical use case where SW1 supplies the processor core(s), SW2 is
applied to the processor’s VCC domain, SW3 supplies the processors internal memory/peripherals, and SW4 supplies the
external memory, and SW5 supplies the I/O rail. The buck regulators are intended for direct connection to the aforementioned
loads.
7.5.2.8
Memory Hold
RESETB and RESETBMCU are low, and both CLK32K and CLK32KMCU are disabled (CLK32KMCU active if DRM is set). To
ensure that SW1, SW2, SW3, and SW5 shut off in Memory Hold, appropriate mode settings should be used such as
SW1MHMODE, = SW2MHMODE, = SW3MHMODE, = SW5MHMODE set to = 0 (refer to the mode control description later in
this section). Since SW4 should be powered in PFM mode, SW4MHMODE could be set to 1.
Upon a Turn On event, the Cold Start state is entered, the default power up values are loaded, and the MEMHLDI interrupt bit is
set. A Cold Start out of the Memory Hold state will result in shorter boot times compared to starting out of the Off state, since
software does not have to be loaded and expanded from flash. The startup out of Memory Hold is also referred to as Warm Boot.
No specific timer is running in this mode.
Buck regulators that are configured to stay on in MEMHOLD mode by their SWxMHMODE settings will not be turned off when
coming out of MEMHOLD and entering a Warm Boot. The switching regulators will be reconfigured for their default settings as
selected by the PUMSx pins in the normal time slot that would affect them.
7.5.2.9
User Off
RESETB is low and RESETBMCU is kept high. The 32 kHz peripheral clock driver CLK32K is disabled; CLK32KMCU (connected
to the processor’s CKIL input) is maintained in this mode if the CLK32KMCUEN and USEROFFCLK bits are both set, or if DRM
is set.
The memory domain is held up by setting SW4UOMODE = 1. Similarly, the SW1 and/or SW2 and or SW3 supply domains can
be configured for SWxUOMODE=1 to keep them powered through the User Off event. If one of the switching regulators can be
shut down in User Off, its mode bits would typically be set to 0.
Since power is maintained for the core (which is put into its lowest power state), and since MCU RESETBMCU does not trip, the
processor’s state may be quickly recovered when exiting USEROFF upon a turn on event. The CLK32KMCU clock can be used
for very low frequency / low power idling of the core(s), minimizing battery drain, while allowing a rapid recovery from where the
system left off before the USEROFF command.
Upon a Turn On event, Warm Start state is entered, and the default power up values are loaded. A Warm Start out of User Off
will result in an almost instantaneous startup of the system, since the internal states of the processor were preserved along with
external memory. No specific timer is running in this mode.
7.5.2.10 Warm Start
Entered upon a Turn On event from User Off. The first 8.0 ms is used for initialization, which includes bias generation, PUMSx
latching, and qualification of the input supply level BP. The switching and linear regulators are then powered up sequentially to
limit the inrush current; see Startup Requirements for sequencing and default level details. If SW1, SW2, SW3, SW4, and/or
SW5, were configured to stay on in User Off mode by their SWxUOMODE settings, they will not be turned off when coming out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com