Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 63Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 64Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 159 page
background image
Analog Integrated Circuit Device Data
67
Freescale Semiconductor
MC34708
Functional Block Description
7.5.6.3
Transient Response Waveforms
The transient load and line response are specified with the waveforms as depicted in Figure 18. Note that where the transient
load response refers to the overshoot only, so excluding the DC shift itself, the transient line response refers to the sum of both
overshoot and DC shift. This is also valid for the mode transition response.
Figure 18. Transient Waveforms
7.5.6.4
Short-circuit Protection (Feature no longer supported. See erratum 31.)
The higher current LDOs, and those most accessible in product applications, include a short-circuit detection and protection
(VDAC, VUSB, VUSB2, VGEN1, and VGEN2). The short-circuit protection (SCP) system includes debounced fault condition
detection, regulator shutdown, and processor interrupt generation, to contain failures and minimize the chance of product
damage. If an over-current (short-circuit) condition is detected, the LDO will be disabled by resetting its VxEN bit, while at the
same time, an interrupt SCPI will be generated to flag the fault to the system processor. The SCPI interrupt is maskable through
the SCPM mask bit.
The SCP feature is enabled by setting the REGSCPEN bit. If this bit is not set, then not only is no interrupt generated, but also
the regulators will not automatically be disabled upon a short-circuit detection. Note that by default, the REGSCPEN bit is not
set, so at startup, none of the regulators in an overload condition are disabled.
 
1us 
1us
0 mA 
IMAX  
ILOAD
ILOAD Stimulus for Transient Load
Response
10us 
10us 
VNOM + 0.8V 
VIN
VIN Stimulus for Transient Line
Response
 
Overshoot 
IL = 0 mA 
VOUT
VOUT for Transient Load Response
IL = IMAX  
Overshoot 
VNOM + 0.3V
Overshoot 
Active Mode
VOUT
VOUT for Mode Transition Response
(VGEN2, VUSB2, VDAC)
Low Power Mode
Overshoot 
IL < ILMAX
IL < ILMAXLP
IL < ILMAX
Active Mode
Mode Transition 
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com