Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
100
MC34708
Functional Block Description
Figure 28. Operation of the Headset with Remote Control and Microphone
Figure 29. Remote Control Key Press Timing
The ID detection circuit continues to be ON for detaching detection in the Active mode, and samples the ID line every interval
programmed by the device wake-up bits in the USB Timing register. When the ID_FLOAT rising edge is detected, the Detach bit
in the USB Interrupt Sense register is set to inform the host the accessory is detached. The MC34708 then enters Standby mode.
VBUS
ID
D+
D-
GND
Baseband
SHLD
ADC
ID Det
AUDIO ACCESSORY
MIC
SPKR_R
SPKR_L
VBUS
DP
DM
ID
GND
 
20ms
Key
Press
20ms
TKP
TLKP
Error
INT
KP
INT
LKP
LKR
INT
ADC
Time
Button Register read
KP
Interrupt Status 0 Register KP bit written to a one
Interrupt Status 0 Register KP bit written to a one
Interrupt Status0 Register
LKP bit written to a one
Interrupt Status 0 Register
LKR bit written to a one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com