Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 159 page
background image
Analog Integrated Circuit Device Data
103
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4.14 5-Wire Charger or A/V Charger Mode
When the attached accessory is a 5-Wire Charger or A/V Charger, the MC34708 enables the appropriate device type 5.0 W CHG
or A/V in the USB device type register.
The VBUS detector is used to monitor the detachment of the charger. The falling edge of USBDETS is an indication of the charger
detachment. Both unplugging the mini-USB connector and unplugging the ac side lead to the same detachment conclusion. The
Detach bit is set to inform the host. Then the MC34708 USB detection enters the Standby mode.
7.8.4.15 Charger Input Current Limit Setting
When the Manual SW_B bit is set to 1, the MC34708 automatically detects what device is attached.
7.8.4.16 Unknown Accessory Operation Mode
When an unknown accessory is attached, the ID_FLOAT bit is cleared or the USBDETS bit is set to '1'. Only the Unknown_Atta
bit is set to interrupt the baseband. The Attach bit is not set to distinguish the unknown accessory from the known accessory. No
other actions are taken.The falling edge of the USBDETS or the rising edge of the ID_FLOAT signals can trigger the detachment
detection. The Detach bit is set to inform the detachment of the unknown accessory. The USB detection then enters the Standby
mode.
7.8.4.17 Software Reset
The USB detection supports a software reset, which is realized by writing the Reset bit in the USB Control register to 1. The
consequence of the software reset is the same as the hardware reset. All register bits reset by the Mini-USB will be reset.
7.8.4.18 ID Resistance Value Assignment
The ID resistors used are standard 1% resistors. Table 95 lists the complete 32 ID resistor assignment. Those with the Assigned
Functions filled are ones that are already used with special functions. The ones reserved can be assigned to other functions.
Table 94. ID Detection Thresholds
UID Pin External
Connection
UID Pin Voltage (68)
IDFLOATS IDGNDS IDFACTORYS
Accessory
Resistor to Ground
0.18 * VCORE < UID < 0.77 * VCORE
0
1
0
Non-USB accessory is attached (per
CEA-936-A spec)
Grounded
0 < UID < 0.12 * VCORE
0
0
0
A type plug (USB default slave) is
attached (per CEA-936-A spec)
Floating
0.89 * VCORE < UID < VCORE
1
1
0
B type plug (USB Host, OTG default
master or no device) is attached.
Voltage Applied
3.6 V < UID (1)
1
1
1
Factory mode
Notes
68.
UID maximum voltage is 5.25 V
Table 95. ID Resistance Assignment
Item#
ADC Result
ID Resistance K
Assignment
0
00000
<1.9
Reserved
1
00001
2.0
S0
2
00010
2.604
S1
3
00011
3.208
S2
4
00100
4.014
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com