Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 101Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 159 page
background image
Analog Integrated Circuit Device Data
105
Freescale Semiconductor
MC34708
Functional Block Description
7.8.4.19 USB Interface Electrical Specifications
Table 96. ID Remote Control Values
Resistor
Standard Value K
ID Resistance
R1
2.0
2.0
R2
0.604
2.604
R3
0.604
3.208
R4
0.806
4.014
R5
0.806
4.82
R6
1.21
6.03
R7
2.0
8.03
R8
2.0
10.03
R9
2.0
12.03
R10
2.43
14.46
R11
2.8
17.26
R12
3.24
20.5
R13
3.57
24.07
R14
590/976
614/1000
Table 97. USB Interface Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
Power Input
IDM
Detection Module Quiescent Current
• In Standby mode
• When accessory is attached & INT_MASK = ‘1’
• In Active mode (VDD < VBUS)
• In Active mode (VDD < VBUS)
-
-
-
-
2
125
550
850
3
160
650
1000
A
IVBUS
VBUS Supply Quiescent Current
• In VBUS OTG
• In Active mode - Audio or TTY
-
-
-
-
1.5
0.5
mA
Accessory Detect Switch
RSPK_ON
RSPK_ONMCT
RSPK_ONFLT
SPK_L and SPK_R Switches
• On resistance (20 Hz to 470 kHz)
• Matching between channels
• On resistance flatness (from -1.2 to 1.2 V)
-
-
-
30
3.0
0.3
-
-
-
W
RUSB_ON
RUSB_ONMCT
RUSB_ONFLT
D+ and D- Switches
• On resistance (0.0 Hz to 240 MHz)
• Matching between channels
• On resistance flatness (from 0.0 to 3.3 V)
-
-
-
5.0
0.1
0.02
8.0
1.0
0.4
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com