Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 99Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
96
MC34708
Functional Block Description
The MC34708 contains registers which hold control and status information. The register map and the description of each register
can be found in the SPI/I2C Register Map section. The details of some important control bits are described as follows.
Table 92. Timing Delays for PSTI Circuit
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
Switching Delay
tD
t1 - t0 (tD in Default Value is TD = 0100)
•TD = 0000
•TD = 0001
•TD = 0010
•TD = 0011
•TD = 0100
• ...
•TD = 1111
-
-
-
-
-
...
-
100
200
300
400
500
...
1600
-
-
-
-
-
...
-
ms
tSW
t2 - t1
20
-
-
ms
tSW
t3 - t2
20
-
-
ms
tSW
t4 - t1
100
-
-
ms
tSW
t6 - t3
100
-
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com