Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 77Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 78Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 79Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 80Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 81Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 82Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 159 page
background image
Analog Integrated Circuit Device Data
79
Freescale Semiconductor
MC34708
Functional Block Description
When considerately exceeding the maximum input of the ADC at the scaled or unscaled inputs, the reading result will return a
full scale. It has to be noted however, that this full scale does not necessarily yield a 1022 DEC reading due to the offsets and
calibration applied. The same applies for when going below the minimum input where the corresponding 0000 DEC reading may
not be returned.
7.7.2
Control
The ADC parameters are programmed by the processor via the SPI. When a reading sequence is finished, an interrupt
ADCDONEI is generated. The interrupt can be masked with the ADCDONEM bit.
The ADC is automatically calibrated every time the PMIC is powered on.
The ADC is enabled by setting ADEN bit high. The ADC can start a series of conversions through SPI programming by setting
the ADSTART bit. If the ADEN bit is low, the ADC will be disabled and in low power mode. The ADC is automatically calibrated
every time PMIC is powered.
The conversions will begin after a small analog synchronization of up to 30 microseconds, plus a programmable delay from 0
(default) up to 600
S, by programming the bits ADDLY1[3:0]. The ADDLY2[3:0] controls the delay between each of the
conversions from 0 to 600
S. ADDLY3[3:0] controls the delay after the final conversion, and is only valid when ADCONT is high.
ADDLY1, 2, and 3 are set to 0 by default.
There is a maximum of 8 conversions that will take place when the ADC is started. The register ADSELx[3:0] selects the channel
which the ADC will read and store in the ADRESULTx register. The ADC will always start at the channel indicated in ADSEL0,
and read up to and including the channel set by the ADSTOP[2:0] bits. For example, when ADSTOP[2:0] = 010, it will request
the ADC to read channels indicated in ADSEL0, ADSEL1, and ADSEL2. When ADSTOP[2:0] = 111, all eight channels
Table 68. ADC Input Specification
Parameter
Condition
Min Typ Max
Units
Source Impedance
No bypass capacitor at input
-
-
5.0
kOhm
Bypass capacitor at input 10 nF
-
-
30
kOhm
Table 69. ADDLYx[3:0]
ADDLYx[3:0]
Delay in
s
0000
0
0001
40
0010
80
0011
120
0100
160
0101
200
0110
240
0111
280
1000
320
1001
360
1010
400
1011
440
1100
480
1101
520
1110
560
1111
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com