Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
24
MC34708
Functional Block Description
The power up sequence is shown in Tables 12 and 13. VCOREDIG, VSRTC, and VCORE, are brought up in the pre-sequencer
startup.
VUSB(30)
Reserved
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
3.3
VUSB2
Reserved
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
VSRTC
Reserved
1.2
1.3
1.3
1.3
1.3
1.2
1.2
1.2
1.2
1.2
1.2
VPLL
Reserved
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
VREFDDR
Reserved
On
On
On
On
On
On
On
On
On
On
On
VDAC
Reserved
2.775
2.775
2.775
2.775
2.775
2.5
2.5
2.5
2.5
2.5
2.5
VGEN1
Reserved
1.2
1.3
1.3
1.3
1.3
1.2
1.2
1.2
1.2
1.2
1.2
VGEN2
Reserved
2.5
2.5
2.5
2.5
2.5
3.1
3.1
3.1
3.1
2.5
2.5
Notes
29.
The SWx node are activated in APS mode when enabled by the startup sequencer.
30.
VUSB regulator is only enabled if 5.0 V is present on VBUS. By default VUSB will be supplied by VBUS. SWBST = 5.0 V powers up as
does VUSB, regardless of 5.0 V present on UVBUS. By default VUSB is supplied by SWBST.
Table 12. Power Up Sequence i.MX53
Tap x 2.0 ms
PUMS [4:1] = [0101,0110,0111,1000,1001] (i.MX53)
0
SW2 (VCC)
1
VPLL (NVCC_CKIH = 1.8 V)
2
VGEN2 (VDD_REG= 2.5 V, external PNP
3
SW3 (VDDA)
4
SW1A/B (VDDGP)
5
SW4A/B, VREFDDR (DDR/SYS)
6
7
SW5 (I/O), VGEN1
8
VUSB (31), VUSB2
9
VDAC
Notes:
31.
The VUSB regulator is only enabled if 5.0 V is present on the VBUS pin. By
default VUSB will be supplied by the VBUS pin.
Table 11. Power Up Defaults
i.MX
Reserved
53
LPM
53
DDR2
53
DDR3
53
LVDDR3
53
LVDDR2
50
50
50
50
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com