Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 117Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 118Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 119Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 159 page
background image
Analog Integrated Circuit Device Data
119
Freescale Semiconductor
MC34708
Functional Block Description
39
USB control
Table 144
R/W hXX_XX_XX
23
22
21
20
19
18
17
16
READVALID
DM_SWITCHING[2:0]
DP_SWITCHING[2:0]
VBUS_SWITCHIN
G[1]
15
14
13
12
11
10
9
8
VBUS_SWITCHING[
0]
-
SW_HOLD
-
-
VOTGEN
CLK_RST
7
6
5
4
3
2
1
0
ACTIVE
RST
TTY_SPKL
RESET
SWITCH_OPEN
RAWDATA
MANUAL_SW_B
WAIT
40
USB Device
Type
Table 145
R
hXX_XX_XX
23
22
21
20
19
18
17
16
USB_ADC_ID_RESULTS[4:0]
-
UKN_DEVICE
ID_FACTORY
15
14
13
12
11
10
9
8
UARTJIG2
UARTJIG1
USBJIG2
USBJIG1
AVCHRG
A/V
TTY
PPD
7
6
5
4
3
2
1
0
USB OTG
DEDICATED_
CHG
USB CHG
5W CHG
UART
USB
AUDIO_TYPE_2 AUDIO_TYPE_1
41
to
42
Unused
NU
h00_00_00
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
-
-
-
-
-
-
-
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
43
ADC 0
Table 147
R/W
h00_00_00
23
22
21
20
19
18
17
16
SPARE
SPARE
SPARE
TSPENDETEN
SPARE
TSSTOP[2:0]
15
14
13
12
11
10
9
8
TSHOLD
TSCONT
TSSTART
TSEN
SPARE
SPARE
DIETEMP_EN
THERM
7
6
5
4
3
2
1
0
SPARE
ADSTOP[2:0]
ADHOLD
ADCONT
ADSTART
ADEN
44
ADC 1
Table 148
R/W
h00_00_00
23
22
21
20
19
18
17
16
TSDLY3[3:0]
TSDLY2[3:0]
15
14
13
12
11
10
9
8
TSDLY1[3:0]
ADDLY3[3:0]
7
6
5
4
3
2
1
0
ADDLY2[3:0]
ADDLY1[3:0]
45
ADC 2
Table 149
R/W
h00_00_00
23
22
21
20
19
18
17
16
ADSEL5[3:0]
ADSEL4[3:0]
15
14
13
12
11
10
9
8
ADSEL3[3:0]
ADSEL2[3:0]
7
6
5
4
3
2
1
0
ADSEL1[3:0]
ADSEL0[3:0]
46
ADC 3
Table 150
R/W
h00_00_00
23
22
21
20
19
18
17
16
TSSEL7[1:0]
TSSEL6[1:0]
TSSEL5[1:0]
TSSEL4[1:0]
15
14
13
12
11
10
9
8
TSSEL3[1:0]
TSSEL2[1:0]
TSSEL1[1:0]
TSSEL0[1:0]
7
6
5
4
3
2
1
0
ADSEL7[3:0]
ADSEL6[3:0]
Table 104. SPI/I2C Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com