Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 113Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 114Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 117Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 118Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 119Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
Analog Integrated Circuit Device Data
117
Freescale Semiconductor
MC34708
Functional Block Description
23
RTC Day
Alarm
Table 128
R/W
h00_7F_FF
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
DAYA[14:8]
7
6
5
4
3
2
1
0
DAYA[7:0]
24
Regulator
1A/B Voltage
Table 129
R/WM hXX_XX_XX
23
22
21
20
19
18
17
16
RSVD[5:0]
RSVD[5:4]
15
14
13
12
11
10
9
8
RSVD[3:0]
SW1ASTBY[5:2]
7
6
5
4
3
2
1
0
SW1ASTBY[1:0]
SW1A[5:0]
25
Regulator
2&3 Voltage
Table 130
R/WM hXX_XX_XX
23
22
21
20
19
18
17
16
-
SW3STBY[4:0]
-
SW3[4]
15
14
13
12
11
10
9
8
SW3[3:0]
SW2STBY[5:2]
7
6
5
4
3
2
1
0
SW2STBY[1:0]
SW2[5:0]
26
Regulator 4
Voltage
Table 131
R/WM hXX_XX_XX
23
22
21
20
19
18
17
16
SW4BHI[1:0]
SW4BSTBY[4:0]
SW4B[4]
15
14
13
12
11
10
9
8
SW4B[3:0]
SW4AHI[1:0]
SW4ASTBY[4:3]
7
6
5
4
3
2
1
0
SW4ASTBY[2:0]
SW4A[4:0]
27
Regulator 5
Voltage
Table 132
R/WM h00_XX_XX
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
SW5TBY[4:0]
-
-
7
6
5
4
3
2
1
0
-
-
-
SW5[4:0]
28
Regulator
1, 2 Mode
Table 133
R/W
hEX_XX_8X
23
22
21
20
19
18
17
16
PLLX
PLLEN
SW2DVSSPEED[1:0]
SW2UOMODE SW2MHMODE
SW2MODE[3:2]
15
14
13
12
11
10
9
8
SW2MODE[1:0]
-
-
-
-
-
-
7
6
5
4
3
2
1
0
SW1DVSSPEED[1:0]
SW1AUOMODE SW1AMHMODE
SW1AMODE[3:0]
29
Regulator
3, 4, 5 Mode
Table 134
R/W hXX_XX_XX
23
22
21
20
19
18
17
16
SW5UOMODE
SW5MHMODE
SW5MODE[3:0]
SW4BUOMODE SW4BMHMODE
15
14
13
12
11
10
9
8
SW4BMODE[3:0]
SW4AUOMODE SW4AMHMODE
SW4AMODE[3:2]
7
6
5
4
3
2
1
0
SW4AMODE[1:0]
SW3UOMODE SW3MHMODE
SW3MODE[3:0]
30
Regulator
Setting 0
Table 135
R/WM h00_XX_XX
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
-
-
VUSB2[1:0]
VPLL[1:0]
VGEN2[2]
7
6
5
4
3
2
1
0
VGEN2[1:0]
VDAC[1:0]
-
VGEN1[2:0]
Table 104. SPI/I2C Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com