Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 118Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 119Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
122
MC34708
Functional Block Description
7.10.4 SPI Register’s Bit Description
Table 105. Register 0, Interrupt Status 0
Name
Bit #
R/W
Reset
Default
Description
ADCDONEI
0
RW1C
RESETB
0x0
ADC has finished requested conversions
TSDONEI
1
RW1C
RESETB
0x0
Touchscreen has finished requested conversions
TSPENDET
2
RW1C
RESETB
0x0
Touch screen pen detection
USBDET
3
RW1C
OFFB
0x0
USB detect
Reserved
4
RW1C
NONE
0x0
Reserved
USBOVP
5
RW1C
RESETB
0x0
USB over voltage protection
Reserved
12:6
RW1C
NONE
0x0
Reserved
LOWBATT
13
RW1C
RESETB
0x0
Low battery threshold warning
Reserved
14
RW1C
NONE
0x0
Reserved
ATTACH
15
RW1C
MUSBRSTB
0x0
1: accessory attached
DETACH
16
RW1C
MUSBRSTB
0x0
1: accessory detached
KP
17
RW1C
MUSBRSTB
0x0
1: remote controller key is pressed
LKP
18
RW1C
MUSBRSTB
0x0
1: remote controller long key is pressed
LKR
19
RW1C
MUSBRSTB
0x0
1: remote controller long key is released
UNKNOWN_ATTA
20
RW1C
MUSBRSTB
0x0
1: an unknown accessory is attached
ADC_CHANGE
21
RW1C
MUSBRSTB
0x0
1: ADC Result has changed when the RAW DATA = 0
STUCK_KEY
22
RW1C
MUSBRSTB
0x0
1: Stuck key is detected
STUCK_KEY_RCV
23
RW1C
MUSBRSTB
0x0
1: Stuck key is recovered
Table 106. Interrupt Mask 0
Name
Bit #
R/W
Reset
Default
Description
ADCDONEM
0
R/W
RESETB
0x1
ADCDONEI mask bit
TSDONEM
1
R/W
RESETB
0x1
TSDONEI mask bit
TSPENDETM
2
R/W
RESETB
0x1
Touch screen pen detect mask bit
USBDETM
3
R/W
OFFB
0x1
USBDET mask bit
Reserved
4
R/W
NONE
0x0
Reserved
USBOVPM
5
R/W
RESETB
0x0
USB over voltage protection
Reserved
12:6
R/W
NONE
0x0
Reserved
LOWBATTM
13
R/W
RESETB
0x1
LOBATLI mask bit
Reserved
14
RW1C
NONE
0x0
Reserved
ATTACH_M
15
R/W
RESETB
0x1
DETACH mask bit
DETACH_M
16
R/W
RESETB
0x1
KP mask bit
KP_M
17
R/W
RESETB
0x1
LKP mask bit
LKP_M
18
R/W
RESETB
0x1
LKR mask bit
LKR_M
19
R/W
RESETB
0x1
DETACH mask bit
UKNOWN_ATTA_M
20
R/W
RESETB
0x1
UNKNOWN_ATTA mask bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com