Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
124
MC34708
Functional Block Description
THERM120
12
RW1C
RESETB
0x0
120 °C thermal threshold
THERM125
13
RW1C
RESETB
0x0
125 °C thermal threshold
THERM130
14
RW1C
RESETB
0x0
130 °C thermal threshold
CLKI
15
RW1C
RESETB
0x0
Clock source change
SCPI
16
RW1C
RESETB
0x0
Short-circuit protection trip detection
GPIOLV1I
17
RW1C
RESETB
0x0
GPIOLV1 interrupt
GPIOLV2I
18
RW1C
RESETB
0x0
GPIOLV2 interrupt
GPIOLV3I
19
RW1C
RESETB
0x0
GPIOLV3 interrupt
GPIOLV4I
20
RW1C
RESETB
0x0
GPIOLV4 interrupt
Unused
21
R
0x0
Not available
Reserved
22
R
NONE
0x0
Reserved
Unused
23
R
RESETB
0x0
Not available
Table 109. Register 4, Interrupt Mask 1
Name
Bit #
R/W
Reset
Default
Description
1HZM
0
R/W
RTCPORB
0x1
1HZI mask bit
TODAM
1
R/W
RTCPORB
0x1
TODAI mask bit
Unused
2
R
0x1
Not available
PWRON1M
3
R/W
OFFB
0x1
PWRON1 mask bit
PWRON2M
4
R/W
OFFB
0x1
PWRON2 mask bit
WDIRESETM
5
R/W
RTCPORB
0x1
WDIRESETI mask bit
SYSRSTM
6
R/W
RTCPORB
0x1
SYSRSTI mask bit
RTCRSTM
7
R/W
RTCPORB
0x1
RTCRSTI mask bit
PCM
8
R/W
OFFB
0x1
PCI mask bit
WARMM
9
R/W
RTCPORB
0x1
WARMI mask bit
MEMHLDM
10
R/W
RTCPORB
0x1
MEMHLDI mask bit
THERM110M
11
R/W
RESETB
0x1
THERM110 mask bit
THERM120M
12
R/W
RESETB
0x1
THERM120 mask bit
THERM125M
13
R/W
RESETB
0x1
THERM125 mask bit
THERM130M
14
R/W
RESETB
0x1
THERM130 mask bit
CLKM
15
R/W
RESETB
0x1
CLKI mask bit
SCPM
16
R/W
RESETB
0x1
Short-circuit protection trip mask bit
GPIOLV1M
17
R/W
RESETB
0x1
GPIOLV1 interrupt mask bit
GPIOLV2M
18
R/W
RESETB
0x1
GPIOLV2 interrupt mask bit
GPIOLV3M
19
R/W
RESETB
0x1
GPIOLV3 interrupt mask bit
GPIOLV4M
20
R/W
RESETB
0x1
GPIOLV4 interrupt mask bit
Unused
21
R
0x0
Not available
Table 108. Register 3, Interrupt Status 1
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com