Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708 Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # 34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34708 Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button 34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 129Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 130Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 131Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 132Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 133Page - Freescale Semiconductor, Inc 34708 Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
130
MC34708
Functional Block Description
Table 132. Register 27, Regulator 5 Voltage
Name
Bit #
R/W
Reset
Default
Description
SW5[4:0]
4-0
R/WM
NONE
*
SW4 setting in normal mode
Unused
9-5
R
*
Not available
SW5STBY[4:0]
14-10 R/WM
NONE
*
SW5 setting in Standby mode
Unused
23-15
R
0x000
Not available
Table 133. Register 28, Regulators 1 & 2 Operating Mode
Name
Bit #
R/W
Reset
Default
Description
SW1AMODE[3:0]
3-0
R/W
RESETB
0xA
SW1A operating mode
SW1AMHMODE
4
R/W
OFFB
0x0
SW1A Memory Hold mode
SW1AUOMODE
5
R/W
OFFB
0x0
SW1A User Off mode
SW1DVSSPEED[1:0]
7-6
R/W
RESETB
0x1
SW1 DVS1 speed
Unused
13-8
R
0x00
Not available
SW2MODE[3:0](79)
17-14
R/W
RESETB
0xA
SW2 operating mode
SW2MHMODE
18
R/W
OFFB
0x0
SW2 Memory Hold mode
SW2UOMODE
19
R/W
OFFB
0x0
SW2 User Off mode
SW2DVSSPEED[1:0]
21-20
R/W
RESETB
0x01
SW2 DVS1 speed
PLLEN
22
R/W
RESETB
0x1
PLL enable
PLLX
23
R/W
RESETB
0x0
PLL multiplication factor
Notes
79.
SWxMODE[3:0] bits will be reset to their default values by the startup sequencer, based on PUMS settings. An enabled
switch will default to APS mode for both Normal and Standby operation.
Table 134. Register 29, Regulators 3, 4, and 5 Operating Mode
Name
Bit #
R/W
Reset
Default
Description
SW3MODE[3:0]
3-0
R/W
RESETB
0xA
SW3 operating mode
SW3MHMODE
4
R/W
OFFB
0x0
SW3 Memory Hold mode
SW3UOMODE
5
R/W
OFFB
0x0
SW3 User Off mode
SW4AMODE[3:0]
9-6
R/W
RESETB
0xA
SW4A operating mode
SW4AMHMODE
10
R/W
OFFB
0x0
SW4A Memory Hold mode
SW4AUOMODE
11
R/W
OFFB
0x0
SW4A User Off mode
SW4BMODE[3:0]
15-12
R/W
RESETB
0xA
SW4B operating mode
SW4BMHMODE
16
R/W
OFFB
0x0
SW4B Memory Hold mode
SW4BUOMODE
17
R/W
OFFB
0x0
SW4B User Off mode
SW5MODE[3:0](80)
21-18
R/W
RESETB
0xA
SW5 operating mode
SW5MHMODE
22
R/W
OFFB
0x0
SW5 Memory Hold mode
SW5UOMODE
23
R/W
OFFB
0x0
SW5 User Off mode
Notes
80.
SWxMODE[3:0] bits will be reset to their default values by the startup sequencer, based on PUMS settings. An enabled
regulator will default to APS mode for both Normal and Standby operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com