Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 436Page - Renesas Technology Corp HD6417618 Datasheet HTML 437Page - Renesas Technology Corp HD6417618 Datasheet HTML 438Page - Renesas Technology Corp HD6417618 Datasheet HTML 439Page - Renesas Technology Corp HD6417618 Datasheet HTML 440Page - Renesas Technology Corp HD6417618 Datasheet HTML 441Page - Renesas Technology Corp HD6417618 Datasheet HTML 442Page - Renesas Technology Corp HD6417618 Datasheet HTML 443Page - Renesas Technology Corp HD6417618 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 408 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
0
BIF
0
R/W*
1 *2 Bank Interrupt Request Flag
While this bit is 1, a bank interrupt request (HIFBI) is
issued to the on-chip CPU according to the setting of
the BIE bit.
In auto-increment mode (AI/AD bit in HIFMCR is 0),
this bit is automatically set to 1 when an external
device has completed access to the 32-bit data in the
end address of HIFRAM and the
HIFCS pin has been
negated.
In auto-decrement mode (AI/AD bit in HIFMCR is 1),
this bit is automatically set to 1 when an external
device has completed access to the 32-bit data in the
start address of HIFRAM and the
HIFCS pin has been
negated.
Though this bit can be cleared to 0 by the on-chip
CPU, it cannot be set to 1.
Make sure setting of this bit by HIFRAM access from
an external device and clearing of this bit by the on-
chip CPU do not conflict using software.
Notes: 1. This bit cannot be accessed by an external device. It can only be accessed by the on-
chip CPU.
2. Writing 1 to this bit by the on-chip CPU is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com