Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 402Page - Renesas Technology Corp HD6417618 Datasheet HTML 403Page - Renesas Technology Corp HD6417618 Datasheet HTML 404Page - Renesas Technology Corp HD6417618 Datasheet HTML 405Page - Renesas Technology Corp HD6417618 Datasheet HTML 406Page - Renesas Technology Corp HD6417618 Datasheet HTML 407Page - Renesas Technology Corp HD6417618 Datasheet HTML 408Page - Renesas Technology Corp HD6417618 Datasheet HTML 409Page - Renesas Technology Corp HD6417618 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 374 of 610
REJ09B0131-0600
Figure 14.9 shows an example of the operation for reception.
1
0
D0
D1
D7
0/1
1
0
D0
D1
D7
0/1
0/1
0
RDF
FER
Serial
data
Start
bit
Data
Parity
bit
Stop
bit
Start
bit
Data
Parity
bit
Stop
bit
RXI interrupt
request
One frame
Data read and RDF flag
read as 1 then cleared to
0 by RXI interrupt handler
ERI interrupt request
generated by receive
error
Figure 14.9 Example of SCIF Receive Operation
(8-Bit Data, Parity, One Stop Bit)
5. When modem control is enabled, the
RTS signal is output depending on the empty status of
SCFRDR. When
RTS is 0, reception is possible. When RTS is 1, this indicates that the
SCFRDR is full and no extra data can be received. (Only for channel 0 and channel 1)
Figure 14.10 shows an example of the operation when modem control is used.
D0
D1
D2
D7 0/1
D0
D1
D7 0/1
10
0
RTS
Serial data
RxD
Start
bit
Parity
bit
Stop
bit
Start
bit
Figure 14.10 Example of Operation Using Modem Control (
RTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com